データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8320R2 データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FOD8320R2
部品情報  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8320R2 データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FOD8320R2 Datasheet HTML 7Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 8Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 9Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 10Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 11Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 12Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 13Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 14Page - Fairchild Semiconductor FOD8320R2 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8320 Rev. 1.0.6
11
Test Circuit (Continued)
Figure 20. VOH Test Circuit
Figure 21. VOL Test Circuit
IF = 7 to 16mA
VO
0.1
μF
100mA
VDD = 15 to 30V
+
1
3
6
5
4
VO
0.1
μF
100mA
VDD = 15 to 30V
+
1
3
6
5
4


同様の部品番号 - FOD8320R2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
More results

同様の説明 - FOD8320R2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com