データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8321 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FOD8321
部品情報  2.5A Output Current, Gate Drive Optocoupler in OptoplanarWide Body SOP 5-Pin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8321 データシート(HTML) 2 Page - Fairchild Semiconductor

  FOD8321 Datasheet HTML 1Page - Fairchild Semiconductor FOD8321 Datasheet HTML 2Page - Fairchild Semiconductor FOD8321 Datasheet HTML 3Page - Fairchild Semiconductor FOD8321 Datasheet HTML 4Page - Fairchild Semiconductor FOD8321 Datasheet HTML 5Page - Fairchild Semiconductor FOD8321 Datasheet HTML 6Page - Fairchild Semiconductor FOD8321 Datasheet HTML 7Page - Fairchild Semiconductor FOD8321 Datasheet HTML 8Page - Fairchild Semiconductor FOD8321 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8321 Rev. 1.0.4
2
Truth Table
Pin Definitions
Pin Configuration
LED
VDD–VSS “Positive Going”
(Turn-on)
VDD–VSS “Positive Going”
(Turn-off)
VO
Off
0V to 30V
0V to 30V
Low
On
0V to 11.5V
0V to 10V
Low
On
11.5V to 14.5V
10V to 13V
Transition
On
14.5V to 30V
13V to 30V
High
Pin #
Name
Description
1
Anode
LED Anode
3
Cathode
LED Cathode
4VSS
Negative Supply Voltage
5VO
Output Voltage
6VDD
Positive Supply voltage
1
3
6
5
4
ANODE
CATHODE
VSS
VO
VDD


同様の部品番号 - FOD8321

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8321 FAIRCHILD-FOD8321 Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
FOD8321 FAIRCHILD-FOD8321 Datasheet
2Mb / 19P
   2.5A Output Current, Gate Drive Optocoupler in Optoplanar Wide Body SOP 5-Pin
FOD8321R2 FAIRCHILD-FOD8321R2 Datasheet
2Mb / 19P
   2.5A Output Current, Gate Drive Optocoupler in Optoplanar Wide Body SOP 5-Pin
More results

同様の説明 - FOD8321

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8321R2 FAIRCHILD-FOD8321R2 Datasheet
2Mb / 19P
   2.5A Output Current, Gate Drive Optocoupler in Optoplanar Wide Body SOP 5-Pin
logo
ON Semiconductor
FOD8384 ONSEMI-FOD8384 Datasheet
219Kb / 16P
   2.5 A Output Current, High-Speed, MOSFET/IGBT Gate Drive Optocoupler in OPTOPLANAR Wide-Body SOP 5-Pin
July, 2023 - Rev. 2
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8343 ONSEMI-FOD8343_V01 Datasheet
348Kb / 17P
   4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD8160 FAIRCHILD-FOD8160 Datasheet
3Mb / 15P
   High Noise Immunity, 3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Wide-Body SOP 5-Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com