データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08D502NOPB データシート(PDF) 5 Page - Texas Instruments

部品番号 ADC08D502NOPB
部品情報  ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D502NOPB データシート(HTML) 5 Page - Texas Instruments

  ADC08D502NOPB Datasheet HTML 1Page - Texas Instruments ADC08D502NOPB Datasheet HTML 2Page - Texas Instruments ADC08D502NOPB Datasheet HTML 3Page - Texas Instruments ADC08D502NOPB Datasheet HTML 4Page - Texas Instruments ADC08D502NOPB Datasheet HTML 5Page - Texas Instruments ADC08D502NOPB Datasheet HTML 6Page - Texas Instruments ADC08D502NOPB Datasheet HTML 7Page - Texas Instruments ADC08D502NOPB Datasheet HTML 8Page - Texas Instruments ADC08D502NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
VD
DGND
GND
VA
200k
8 pF
VCM
Enable AC
Coupling
50k
VA
AGND
VA
AGND
50k
Control from VCMO
VCMO
100
VA
AGND
VA
AGND
100
VBIAS
50k
50k
ADC08D502
www.ti.com
SNOSC85 – AUGUST 2012
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
LVDS Clock input pins for the ADC. The differential clock signal
18
CLK+
must be a.c. coupled to these pins. The input signal is sampled on
19
CLK-
the falling edge of CLK+.
11
VINI+
10
VINI−
Analog signal inputs to the ADC. The differential full-scale input
.
.
range is 650 mVP-P when the FSR pin is low, or 870 mVP-P when
22
VINQ+
the FSR pin is high.
23
VINQ−
Common Mode Voltage. This pin is the common mode output in
d.c. coupling mode and also serves as the a.c. coupling mode
select pin. When d.c. coupling is used, the voltage output at this pin
7
VCMO
is required to be the common mode input voltage at VIN+ and VIN
when d.c. coupling is used. This pin should be grounded when a.c.
coupling is used at the analog inputs. This pin is capable of
sourcing or sinking 100
μA.
31
VBG
Bandgap output voltage capable of 100
μA source/sink.
Calibration Running indication. This pin is at a logic high when
126
CalRun
calibration is running.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC08D502


同様の部品番号 - ADC08D502NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC08D502 TI1-ADC08D502 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502CIYB-NOPB TI1-ADC08D502CIYB-NOPB Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502CIYB/NOPB TI1-ADC08D502CIYB/NOPB Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results

同様の説明 - ADC08D502NOPB

メーカー部品番号データシート部品情報
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com