データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08D502NOPB データシート(PDF) 8 Page - Texas Instruments

部品番号 ADC08D502NOPB
部品情報  ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D502NOPB データシート(HTML) 8 Page - Texas Instruments

Back Button ADC08D502NOPB Datasheet HTML 4Page - Texas Instruments ADC08D502NOPB Datasheet HTML 5Page - Texas Instruments ADC08D502NOPB Datasheet HTML 6Page - Texas Instruments ADC08D502NOPB Datasheet HTML 7Page - Texas Instruments ADC08D502NOPB Datasheet HTML 8Page - Texas Instruments ADC08D502NOPB Datasheet HTML 9Page - Texas Instruments ADC08D502NOPB Datasheet HTML 10Page - Texas Instruments ADC08D502NOPB Datasheet HTML 11Page - Texas Instruments ADC08D502NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
ADC08D502
SNOSC85 – AUGUST 2012
www.ti.com
Operating Ratings
(1) (2) (continued)
Analog Input Common Mode Voltage
VCMO ±50mV
VIN+, VIN- Voltage Range (Maintaining Common Mode)
0V to 2.15V
(100% duty cycle)
0V to 2.5V
(10% duty cycle)
Ground Difference
0V
(|GND - DR GND|)
CLK Pins Voltage Range
0V to VA
Differential CLK Amplitude
0.4VP-P to 2.0VP-P
Package Thermal Resistance
(1)
Package
θJA
θJC (Top of Package)
θJ-PAD (Thermal Pad)
128-Lead Exposed Pad
25°C / W
10°C / W
2.8°C / W
LQFP
(1)
Soldering process must comply with Texas Instrument's Reflow Temperature Profile specifications. Refer to
http://www.ti.com/lit/an/snoa549c/snoa549c.pdf.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADC08D502


同様の部品番号 - ADC08D502NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC08D502 TI1-ADC08D502 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502CIYB-NOPB TI1-ADC08D502CIYB-NOPB Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502CIYB/NOPB TI1-ADC08D502CIYB/NOPB Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results

同様の説明 - ADC08D502NOPB

メーカー部品番号データシート部品情報
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com