データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM555 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 LM555
部品情報  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555 データシート(HTML) 3 Page - Fairchild Semiconductor

  LM555_12 Datasheet HTML 1Page - Fairchild Semiconductor LM555_12 Datasheet HTML 2Page - Fairchild Semiconductor LM555_12 Datasheet HTML 3Page - Fairchild Semiconductor LM555_12 Datasheet HTML 4Page - Fairchild Semiconductor LM555_12 Datasheet HTML 5Page - Fairchild Semiconductor LM555_12 Datasheet HTML 6Page - Fairchild Semiconductor LM555_12 Datasheet HTML 7Page - Fairchild Semiconductor LM555_12 Datasheet HTML 8Page - Fairchild Semiconductor LM555_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM555
3
Electrical Characteristics
(TA = 25C, VCC = 5 ~ 15V, unless otherwise specified)
Notes:
1. When the output is high, the supply current is typically 1mA less than at VCC = 5V.
2. Tested at VCC = 5.0V and VCC = 15V.
3. This will determine the maximum value of RA + RB for 15V operation, the max. total R = 20M, and for 5V operation, the max.
total R = 6.7M

4. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
-4.5
-
16
V
Supply Current (Low Stable) (Note1)
ICC
VCC = 5V, RL = 
-3
6
mA
VCC = 15V, RL = 
-7.5
15
mA
Timing Error (Monostable)
Initial Accuracy (Note2)
Drift with Temperature (Note4)
Drift with Supply Voltage (Note4)
ACCUR
t/T
t/VCC
RA = 1k to100k
C = 0.1
F
-1.0
50
0.1
3.0
0.5
%
ppm/
C
%/V
Timing Error (Astable)
Intial Accuracy (Note2)
Drift with Temperature (Note4)
Drift with Supply Voltage (Note4)
ACCUR
t/T
t/VCC
RA = 1k to 100k
C = 0.1
F
-
2.25
150
0.3
-%
ppm/
C
%/V
Control Voltage
VC
VCC = 15V
9.0
10.0
11.0
V
VCC = 5V
2.63.334.0
V
Threshold Voltage
VTH
VCC = 15V
-
10.0
-
V
VCC = 5V
-
3.33
-
V
Threshold Current (Note3)
ITH
-
-
0.1
0.25
A
Trigger Voltage
VTR
VCC = 5V
1.1
1.67
2.2
V
VCC = 15V
4.5
5
5.6
V
Trigger Current
ITR
VTR = 0V
0.01
2.0
A
Reset Voltage
VRST
-
0.4
0.7
1.0
V
Reset Current
IRST
-
0.1
0.4
mA
Low Output Voltage
VOL
VCC = 15V
ISINK = 10mA
ISINK = 50mA
-0.06
0.3
0.25
0.75
V
V
VCC = 5V
ISINK = 5mA
-0.05
0.35
V
High Output Voltage
VOH
VCC = 15V
ISOURCE = 200mA
ISOURCE = 100mA
12.75
12.5
13.3
-V
V
VCC = 5V
ISOURCE = 100mA
2.75
3.3
-
V
Rise Time of Output (Note4)
tR
-
-100
-
ns
Fall Time of Output (Note4)
tF
-
-100
-
ns
Discharge Leakage Current
ILKG
-
-20
100
nA


同様の部品番号 - LM555_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM555-MIL TI1-LM555-MIL Datasheet
561Kb / 18P
[Old version datasheet]   LM555-MIL Timer
LM555-MWC TI1-LM555-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Timer
LM555-MWC TI1-LM555-MWC Datasheet
561Kb / 18P
[Old version datasheet]   LM555-MIL Timer
logo
Intersil Corporation
LM555C INTERSIL-LM555C Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
LM555C HARRIS-LM555C Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
More results

同様の説明 - LM555_12

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com