データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3122CMX_F085 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FAN3122CMX_F085
部品情報  Single 9A High-Speed, Low-Side Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122CMX_F085 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN3122CMX_F085_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN3122CMX_F085_12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122_F085 • Rev. 1.0.0
7
Electrical Characteristics (Continued)
Unless otherwise noted, VDD=12V and TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
OUTPUT
ISINK
OUT Current, Mid-Voltage,
Sinking
(11)
OUT at VDD/2, CLOAD=1.0µF,
f=1kHz
9.7
A
ISOURCE
OUT Current, Mid-Voltage,
Sourcing
(11)
OUT at VDD/2, CLOAD=1.0µF,
f=1kHz
7.1
A
IPK_SINK
OUT Current, Peak, Sinking
(11)
CLOAD=1.0µF, f=1kHz
11.4
A
IPK_SOURCE OUT Current, Peak, Sourcing
(11)
CLOAD=1.0µF, f=1kHz
10.6
A
VOH
High Level Output Voltage
VOH = VDD
VOUT, IOUT = –1mA
15
35
mV
VOL
Low Level Output Voltage
IOUT = 1mA
10
25
mV
tRISE
Output Rise Time
(12)
CLOAD=10nF
18
23
29
ns
tFALL
Output Fall Time
(12)
CLOAD=10nF
11
19
27
ns
tD1, tD2
Output Propagation Delay, CMOS
Inputs
(12)
0 – 12VIN, 1V/ns Slew Rate
9
18
28
ns
tD1, tD2
Output Propagation Delay, TTL
Inputs
(12)
0 – 5VIN, 1V/ns Slew Rate
9
23
35
ns
Notes:
11. Not tested in production.
12. See Timing Diagrams of Figure 7 and Figure 8.
Timing Diagrams
Figure 7.
Non-Inverting
Figure 8.
Inverting


同様の部品番号 - FAN3122CMX_F085_12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3122CMX_F085 FAIRCHILD-FAN3122CMX_F085 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results

同様の説明 - FAN3122CMX_F085_12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com