データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FGB3236 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FGB3236
部品情報  FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB3236 データシート(HTML) 3 Page - Fairchild Semiconductor

  FGB3236 Datasheet HTML 1Page - Fairchild Semiconductor FGB3236 Datasheet HTML 2Page - Fairchild Semiconductor FGB3236 Datasheet HTML 3Page - Fairchild Semiconductor FGB3236 Datasheet HTML 4Page - Fairchild Semiconductor FGB3236 Datasheet HTML 5Page - Fairchild Semiconductor FGB3236 Datasheet HTML 6Page - Fairchild Semiconductor FGB3236 Datasheet HTML 7Page - Fairchild Semiconductor FGB3236 Datasheet HTML 8Page - Fairchild Semiconductor FGB3236 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FGB3236_F085 / FGI3236_F085 Rev. A
www.fairchildsemi.com
3
Electrical Characteristics T
A = 25°C unless otherwise noted
Dynamic Characteristics
Switching Characteristics
Thermal Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
QG(ON) Gate Charge
ICE = 10A, VCE = 12V,
VGE = 5V, See Fig.14
-20
-
nC
VGE(TH) Gate to Emitter Threshold Voltage
ICE = 1mA, VCE = VGE,
See Fig. 10
TC = 25oC
1.3
1.6
2.2
V
TC = 150oC
0.75
1.1
1.8
VGEP
Gate to Emitter Plateau Voltage
VCE = 12V, ICE = 10A
-
2.6
-
V
td(ON)R
Current Turn-On Delay Time-Resistive VCE = 14V, RL = 1Ω
VGE = 5V, RG = 1KΩ
TJ = 25oC, See Fig.12
-0.65
4
µs
trR
Current Rise Time-Resistive
-
1.7
7
µs
td(OFF)L Current Turn-Off Delay Time-Inductive VCE = 300V, L = 500µHy,
VGE = 5V, RG = 1KΩ
TJ = 25oC, See Fig.12
-
5.4
15
µs
tfL
Current Fall Time-Inductive
-
1.64
15
µs
SCIS
Self Clamped inductive Switching
TJ = 25oC, L = 3.0mHy, ICE = 14.7A,
RG = 1KΩ, VGE = 5V, See Fig.1&2
-
-
320
mJ
RθJC
Thermal Resistance Junction to Case All Packages
-
-
0.8
oC/W


同様の部品番号 - FGB3236

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FGB3236F085 FAIRCHILD-FGB3236F085 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
More results

同様の説明 - FGB3236

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
FGI3236 FAIRCHILD-FGI3236 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3245G2-F085 ONSEMI-FGD3245G2-F085 Datasheet
1Mb / 8P
   EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com