データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA75639S3ST データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 HUFA75639S3ST
部品情報  56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75639S3ST データシート(HTML) 4 Page - Fairchild Semiconductor

  HUFA75639S3ST Datasheet HTML 1Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 2Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 3Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 4Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 5Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 6Page - Fairchild Semiconductor HUFA75639S3ST Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
Typical Performance Curves (Continued)
1000
101
100
10-1
10-2
10-3
10-4
10-5
10
100
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
1
10
100
1000
1
10
100
200
TJ = MAX RATED
TC = 25
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
VDSS(MAX) = 100V
10ms
1ms
100
µs
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
100
0.001
0.01
0.1
1
STARTING TJ = 25
oC
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 150
oC
300
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
20
40
60
80
100
0123456
7
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 5V
VGS = 10V
VGS = 20V
VGS = 7V
VGS = 6V
DUTY CYCLE = 0.5% MAX
0
20
40
60
80
100
0
1.5
3.0
4.5
6.0
7.5
-55oC
25oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
175oC
HUFA75639S3ST_F085A
©2012 Fairchild Semiconductor Corporation
HUFA75639S3ST_F085A Rev. C1


同様の部品番号 - HUFA75639S3ST

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA75639S3S FAIRCHILD-HUFA75639S3S Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results

同様の説明 - HUFA75639S3ST

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA75639G3 FAIRCHILD-HUFA75639G3 Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639S3ST FAIRCHILD-HUF75639S3ST Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75639G3 INTERSIL-HUF75639G3 Datasheet
370Kb / 9P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com