データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76413DK8T データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 HUFA76413DK8T
部品情報  N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76413DK8T データシート(HTML) 4 Page - Fairchild Semiconductor

  HUFA76413DK8T_10 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76413DK8T_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Forward Bias Safe Operating Area
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics TA = 25°C unless otherwise noted
1
10
100
110
100
0.2
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TA = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
µs
10ms
1ms
1
10
0.1
1
10
15
40
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
5
10
15
20
25
1.5
2.0
2.5
3.0
3.5
4.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 150
oC
TJ = 25
oC
TJ = -55
oC
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 3V
TA = 25
oC
VGS = 5V
VGS = 10V
40
50
60
70
80
90
100
2468
10
ID = 1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 5.1A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID =5.1A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
HUFA76413DK8T_F085 Rev. C1
www.fairchildsemi.com
4


同様の部品番号 - HUFA76413DK8T_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56m?
More results

同様の説明 - HUFA76413DK8T_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56m?
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
HUFA76429D3ST FAIRCHILD-HUFA76429D3ST Datasheet
352Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
logo
ON Semiconductor
HUFA76429D3ST-F085 ONSEMI-HUFA76429D3ST-F085 Datasheet
420Kb / 11P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
September-2017, Rev. 1
logo
Fairchild Semiconductor
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com