データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G59L6X データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74AUP1G59L6X
部品情報  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G59L6X データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AUP1G59L6X Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1G59L6X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G59 • Rev. 1.0.4
7
AC Loadings and Waveforms
Notes:
4.
CL includes load and stray capacitance.
5.
Input PRR = 1.0 MHz, tW = 500 ns.
Figure 9.
AC Test Circuit
Figure 10.
AC Waveforms
Symbol
VCC
3.3 V ± 0.3 V
2.5 V ± 0.2 V
1.8 V ± 0.15 V
1.5 V ± 0.10 V
1.2 V ± 0.10 V
0.8 V
Vmi
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VOL + 0.1 V
VOL + 0.1 V
VOL + 0.1 V


同様の部品番号 - 74AUP1G59L6X

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74AUP1G59L6X ONSEMI-74AUP1G59L6X Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
More results

同様の説明 - 74AUP1G59L6X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com