データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G95L6X データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74AUP1G95L6X
部品情報  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G95L6X データシート(HTML) 1 Page - Fairchild Semiconductor

  74AUP1G95L6X Datasheet HTML 1Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G95L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2012
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G95 • Rev. 1.0.1
74AUP1G95
TinyLogic
® Low Power Universal Configurable
Two-Input Logic Gate (Open Drain Output)
Features
0.8 V to 3.6 V V
CC Supply Operation
3.6 V Over-Voltage Tolerant I/Os at V
CC
from 0.8V to 3.6 V
Extremely High Speed t
PD
- 3.2 ns: Typical at 3.3 V
Power-Off High-Impedance Inputs and Outputs
Low Static Power Consumption
- ICC=0.9 µA Maximum
Low Dynamic Power Consumption
- CPD=3.0 pF Typical at 3.3 V
Ultra-Small MicroPak™ Packages
Description
The 74AUP1G95 is a universal, configurable, two-input
logic gate with an open-drain output that provides a
high-performance and low-power solution for battery-
powered
portable
applications.
This
product
is
designed for a wide low voltage operating range (0.8 V
to 3.6 V) and guarantees very low static and dynamic
power consumption across the entire voltage range. All
inputs are implemented with hysteresis to allow for
slower transition input signals and better switching
noise immunity.
The 74AUP1G95 provides for multiple functions, as
determined by various configurations of the three inputs.
The potential logic functions provided are MUX, AND,
OR, NAND, NOR, inverter, and buffer (see Figure 2
through Figure 8).
Ordering Information
Part Number
Top Mark
Package
Packing Method
74AUP1G95L6X
AN
6-Lead, MicroPak™, 1.0 mm Wide
5000 Units on Tape & Reel
74AUP1G95FHX
AN
6-Lead, MicroPak2™, 1x1 mm Body, .35 mm Pitch
5000 Units on Tape & Reel


同様の部品番号 - 74AUP1G95L6X

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74AUP1G95L6X ONSEMI-74AUP1G95L6X Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results

同様の説明 - 74AUP1G95L6X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com