データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G97FHX データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74AUP1G97FHX
部品情報  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G97FHX データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AUP1G97FHX Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 10Page - Fairchild Semiconductor 74AUP1G97FHX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G97 • 1.0.5
7
AC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=+25°C
TA=-40 to
+85°C
Units
Figure
Min.
Typ.
Max
Min
Max
tPHL, tPLH
Propagation
Delay
0.80
CL=5pF, RL=1MΩ
25.1
ns
Figure 10
Figure 11
1.10
≤ VCC ≤ 1.30
2.8
8.6
12.6
2.5
13.0
1.40
≤ VCC ≤ 1.60
2.3
5.2
7.6
2.5
8.2
1.65
≤ VCC ≤ 1.95
2.1
4.3
6.2
2.0
6.8
2.30
≤ VCC ≤ 2.70
1.9
3.3
4.8
1.7
5.3
3.00
≤ VCC ≤ 3.60
1.6
3.1
3.9
1.5
4.1
0.80
CL=10pF,
RL=1MΩ
29.4
1.10
≤ VCC ≤ 1.30
3.2
9.4
14.3
2.9
14.9
1.40
≤ VCC ≤ 1.60
2.6
6.3
8.7
2.8
9.4
1.65
≤ VCC ≤ 1.95
2.2
4.9
7.0
2.1
7.8
2.30
≤ VCC ≤ 2.70
2.0
4.2
5.2
2.1
5.9
3.00
≤ VCC ≤ 3.60
1.9
3.6
4.6
1.7
4.9
0.80
CL=15pF,
RL=1MΩ
31.3
1.10
≤ VCC ≤ 1.30
3.6
9.6
16.0
3.2
16.7
1.40
≤ VCC ≤ 1.60
2.9
6.3
9.6
3.1
10.4
1.65
≤ VCC ≤ 1.95
2.4
5.4
7.8
2.3
8.7
2.30
≤ VCC ≤ 2.70
2.3
4.7
5.8
2.1
6.5
3.00
≤ VCC ≤ 3.60
2.0
4.0
5.1
1.8
5.5
0.80
CL=30pF,
RL=1MΩ
32.1
1.10
≤ VCC ≤ 1.30
3.4
9.5
18.5
3.4
19.0
1.40
≤ VCC ≤ 1.60
3.1
5.9
10.5
3.1
11.0
1.65
≤ VCC ≤ 1.95
1.8
4.8
8.7
1.8
9.5
2.30
≤ VCC ≤ 2.70
1.7
3.7
6.5
1.7
7.1
3.00
≤ VCC ≤ 3.60
1.3
3.1
5.6
1.3
6.3
CIN
Input
Capacitance
0
2.1
pF
COUT
Output
Capacitance
0
3,0
pF
CPD
Power
Dissipation
Capacitance
0.80
VIN=0V or VCC,
f=10MHz
1.7
pF
1.10
≤ VCC ≤ 1.30
1.8
1.40
≤ VCC ≤ 1.60
1.81
1.65
≤ VCC ≤ 1.95
1.84
2.30
≤ VCC ≤ 2.70
2.1
3.00
≤ VCC ≤ 3.60
2.5


同様の部品番号 - 74AUP1G97FHX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74AUP1G97FHX ONSEMI-74AUP1G97FHX Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev 1.0.5
More results

同様の説明 - 74AUP1G97FHX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com