データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT374 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 74LVT374
部品情報  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT374 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LVT374_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LVT374_08 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT374, 74LVTH374 Rev. 1.5.0
8
Physical Dimensions (Continued)
Figure 2. 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/


同様の部品番号 - 74LVT374_08

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT374D PHILIPS-74LVT374D Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop; positive-edge trigger 3-State
1998 Feb 19
74LVT374DB PHILIPS-74LVT374DB Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop; positive-edge trigger 3-State
1998 Feb 19
logo
Fairchild Semiconductor
74LVT374MTC FAIRCHILD-74LVT374MTC Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT374MTC ONSEMI-74LVT374MTC Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LVT374PW PHILIPS-74LVT374PW Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop; positive-edge trigger 3-State
1998 Feb 19
More results

同様の説明 - 74LVT374_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com