データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX32SJ データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74LVX32SJ
部品情報  Low Voltage Quad 2-Input OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX32SJ データシート(HTML) 4 Page - Fairchild Semiconductor

  74LVX32SJ_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX32SJ_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX32SJ_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX32SJ_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX32SJ_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX32SJ_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX32SJ_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX32SJ_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX32 Rev. 1.4.0
4
AC Electrical Characteristics
Note:
3. Parameter guaranteed by design tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|
Capacitance
Note:
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load.
Average operating current can be obtained by the eqation: ICC(opr.) =
Symbol
Parameter
VCC (V)
CL (pF)
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay Time
2.7
15
5.8
10.7
1.0
12.5
ns
50
8.3
14.2
1.0
16.0
3.3 ± 0.3
15
4.4
6.6
1.0
7.5
50
6.9
10.1
1.0
11.5
tOSLH, tOSHL Output to Output Skew
(3)
2.7
50
1.5
1.5
ns
3.3
1.5
1.5
Symbol
Parameter
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance(4)
14
pF
C
PD
V
CC
f
IN
I
CC
×
×
×
4 per Gate
,
()
---------------------------------------------------------


同様の部品番号 - 74LVX32SJ_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX32SJX FAIRCHILD-74LVX32SJX Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input OR Gate
More results

同様の説明 - 74LVX32SJ_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input OR Gate
logo
ON Semiconductor
74LVX32 ONSEMI-74LVX32 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX32 FAIRCHILD-74LVX32 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input OR Gate
logo
Motorola, Inc
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com