データシートサーチシステム |
|
74LVX132M データシート(PDF) 3 Page - Fairchild Semiconductor |
|
74LVX132M データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page ©1996 Fairchild Semiconductor Corporation www.fairchildsemi.com 74LVX132 Rev. 1.4.0 3 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Recommended Operating Conditions(1) The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Note: 1. Unused inputs must be held HIGH or LOW. They may not float. Symbol Parameter Rating VCC Supply Voltage –0.5V to +7.0V IIK DC Input Diode Current, VI = –0.5V –20mA VI DC Input Voltage –0.5V to 7V IOK DC Output Diode Current VO = –0.5V –20mA VO = VCC + 0.5V +20mA VO DC Output Voltage –0.5V to VCC + 0.5V IO DC Output Source or Sink Current ±25mA ICC or IGND DC VCC or Ground Current ±50mA TSTG Storage Temperature –65°C to +150°C PPower Dissipation 180mW Symbol Parameter Rating VCC Supply Voltage 2.0V to 3.6V VI Input Voltage 0V to 5.5V VO Output Voltage 0V to VCC TA Operating Temperature –40°C to +85°C ∆t / ∆V Input Rise and Fall Time 0ns/V to 100ns/V |
同様の部品番号 - 74LVX132M_08 |
|
同様の説明 - 74LVX132M_08 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |