データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC221AM データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 74VHC221AM
部品情報  Dual Non-Retriggerable Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC221AM データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button 74VHC221AM_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 9Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 10Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 11Page - Fairchild Semiconductor 74VHC221AM_07 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC221A Rev. 1.2
11
Physical Dimensions (Continued)
Dimensions are in millimeters unless otherwise noted.
Figure 3. 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
0.65
4.4±0.1
MTC16rev4
0.11
4.55
5.00
5.00±0.10
12°
7.35
4.45
1.45
5.90


同様の部品番号 - 74VHC221AM_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
More results

同様の説明 - 74VHC221AM_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com