データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5346 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN5346
部品情報  Series Boost LED Driver with PWM Dimming Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5346 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN5346 Datasheet HTML 1Page - Fairchild Semiconductor FAN5346 Datasheet HTML 2Page - Fairchild Semiconductor FAN5346 Datasheet HTML 3Page - Fairchild Semiconductor FAN5346 Datasheet HTML 4Page - Fairchild Semiconductor FAN5346 Datasheet HTML 5Page - Fairchild Semiconductor FAN5346 Datasheet HTML 6Page - Fairchild Semiconductor FAN5346 Datasheet HTML 7Page - Fairchild Semiconductor FAN5346 Datasheet HTML 8Page - Fairchild Semiconductor FAN5346 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5346 • Rev. 1.0.1
5
Electrical Specifications
VIN = 2.5V to 5.5V and TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = +25°C and VIN = 3.6V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
ISD
Shutdown Supply Current
EN = GND
0.30
0.90
μA
IQ(ACTIVE)
Quiescent Current at ILOAD = 0mA
Device Not Switching, No Load
300
μA
VUVLO
Under-Voltage Lockout Threshold
VIN Rising
2.10
2.35
2.60
V
VIN Falling
1.80
2.05
2.30
VUVHYST
Under-Voltage Lockout Hysteresis
250
mV
EN: Enable Pin
VIH
HIGH-Level Input Voltage
1.2
V
VIL
LOW-Level Input Voltage
0.4
V
REN
EN Pull-Down Resistance
200
300
400
k
Ω
fPWM
PWM Dimming Frequency
(3)
5
100
kHz
tSD
EN LOW, Shutdown Pulse Width
VIN = 3.6V; from Falling Edge of EN
1
ms
Feedback and Reference
VFB
Feedback Voltage
ILED = 20mA from -40°C to +85°C,
2.5V ≤ VIN ≤ 5.5V
230
250
270
mV
IFB
Feedback Input Current
VFB = 250mV
0.1
1.0
μA
Power Outputs
RDS(ON)_Q1 Boost Switch On Resistance
VIN = 3.6V, ISW = 100mA
600
m
Ω
VIN = 2.5V, ISW = 100mA
650
ISW(OFF)
SW Node Leakage
(2)
EN = 0, VIN = VSW = VOUT = 5.5V,
VLED = 0V
0.1
2.0
μA
ILIM-PK
Boost Switch Peak Current Limit
FAN5346S20X: VIN = 3.2V to 4.3V,
TA =-20°C to +60°C, VF = 3.4V, 4 LEDs
200
300
400
mA
FAN5346S30X
500
750
1000
Oscillator
fSW
Boost Regulator Switching
Frequency
0.95
1.15
1.35
MHz
Output and Protection
VOVP
Boost Output Over-Voltage
Protection
FAN5346S20X
18.0
20.0
21.5
V
FAN5346S30X
27.5
30.0
32.5
OVP Hysteresis
FAN5346S20X
0.8
FAN5346S30X
1.0
VTLSC
VOUT Short-Circuit Detection
Threshold
VOUT Falling
VIN – 1.4
V
VTHSC
VOUT Short-Circuit Detection
Threshold
VOUT Rising
VIN – 1.2
V
DMAX
Maximum Boost Duty Cycle
(3,4)
85
%
DMIN
Minimum Boost Duty Cycle
(3,4)
20
TTSD
Thermal Shutdown
150
°C
THYS
Thermal Shutdown Hysteresis
35
°C
Notes:
2.
SW leakage current includes the leakage current of two internal switches; SW to GND and SW to VOUT.
3.
Not tested in production; guaranteed by design.
4.
Application should guarantee that minimum and maximum duty cycle fall between 20-85% to meet the specified range.


同様の部品番号 - FAN5346

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340MPX FAIRCHILD-FAN5340MPX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340UCX FAIRCHILD-FAN5340UCX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

同様の説明 - FAN5346

メーカー部品番号データシート部品情報
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
   LED Boost Driver with PWM
May, 2014
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
   Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com