データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1946 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB1946
部品情報  PWM Current Control Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1946 データシート(HTML) 1 Page - Sanyo Semicon Device

  LB1946 Datasheet HTML 1Page - Sanyo Semicon Device LB1946 Datasheet HTML 2Page - Sanyo Semicon Device LB1946 Datasheet HTML 3Page - Sanyo Semicon Device LB1946 Datasheet HTML 4Page - Sanyo Semicon Device LB1946 Datasheet HTML 5Page - Sanyo Semicon Device LB1946 Datasheet HTML 6Page - Sanyo Semicon Device LB1946 Datasheet HTML 7Page - Sanyo Semicon Device LB1946 Datasheet HTML 8Page - Sanyo Semicon Device LB1946 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
11707 SY IM B8-5416 No.7115-1/16
LB1946
Overview
The LB1946 is stepping motor drive IC that implements PWM current control bipolar drive with a fixed off time. This IC
features 15-current setting levels using a fixed VREF voltage and supports for microstepping drive from 1-2 phase
excitation to 4W1-2 phase excitation drive. This device is optimal for driving stepping motors such as those used for
carriage drive and paper feed in printers.
Applications
• PWM current control stepping motor drivers
Features
• PWM current control with a fixed off time
• Logic input serial-parallel converter (allows 1-2, W1-2, 2W1-2, and 4W1-2 phase excitation drive)
• Current attenuation switching function (with slow decay, fast decay, and mixed decay modes)
• Built-in upper and lower side output diodes
• Simultaneous on state prevention function (through current prevention)
• Noise canceller function
• Thermal shutdown circuit
• Shutoff on low logic system voltage circuit
• Low-power mode control pin
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB
50
V
Peak output current
IO PEAK
tw
≤20µs
1.75
A
Maximum continuous output current
IO max
1.5
A
Logic system supply voltage
VCC
7.0
V
Logic input voltage range
VIN
-0.3 to VCC
V
Emitter output voltage
VE
1.0
V
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Allowable power dissipation (IC internal)
Pd max
Ta=25
°C, independent IC
3.0
W
Ordering number : EN7115
Monolithic Digital IC
PWM Current Control Stepping Motor Driver
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


同様の部品番号 - LB1946

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946 Datasheet
387Kb / 16P
   LB1946
LB1946 SANYO-LB1946 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
More results

同様の説明 - LB1946

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com