データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11948T データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LB11948T
部品情報  PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11948T データシート(HTML) 4 Page - Sanyo Semicon Device

  LB11948T_10 Datasheet HTML 1Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 2Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 3Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 4Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 5Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 6Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 7Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 8Page - Sanyo Semicon Device LB11948T_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LB11948T
No.7947-4/13
Pin Functions
Pin No.
Pin Name
Description
1
OUT1-
Output
2
OUT1
Output
3
NC
Unused
4
NC
Unused
5
D-GND
Lower side internal diode anode connection
6
E1
Constant current control sensing
The motor current is set by the value of the sensing resistor Re connected between the E1 pin and ground.
The current is set according to the following equation : IO = VREF/Re (A)
7
VS1
VS power supply
8
NC
Unused
9
VCC
VCC power supply
10
CR
RC oscillator connection
11
VREF1
Current setting system reference voltage input
VREF1 voltage range : 0 to 0.5V
12
NC
Unused
13
ENABLE1
Output is turned on when ENABLE1 is low, and the output is turned off (operating state) when ENABLE1 is high.
14
PHASE1
Logic level input : phase switching
When PHASE1 = high : Output pin states : OUT1 : high, OUT1- : low.
When PHASE1 = low : Output pin states : OUT1 : low, OUT1- : high.
15
ST
Standby mode setting
When ST = high : the IC operates in normal operating mode.
When ST = low : the IC operates in standby mode. The VS and VCC current drain levels are under 1μA in this mode.
16
NC
Unused
17
1VREG
1V regulator circuit output
The LB11948 includes an internal 1V regulator circuit, and this pin is the output from that circuit. The VREF1 and VREF2
reference voltages can be set by voltage dividing the 1V regulator output.
18
PHASE2
Logic level input : phase switching
When PHASE2 = high : Output pin states : OUT2 : high, OUT2- : low.
When PHASE2 = low : Output pin states : OUT2 : low, OUT2- : high.
19
ENABLE2
Output is turned on when ENABLE2 is low, and the output is turned off (operating state) when ENABLE2 is high.
20
VREF2
Current setting reference voltage input
VREF2 voltage range : 0 to 0.5V
21
GND
Ground (small signal circuit system ground)
22
PGND
Power system ground (high current circuit system ground)
23
NC
Unused
24
VS2
VS power supply
25
E2
Constant current control sensing
The motor current is set by the value of the sensing resistor Re connected between the E2 pin and ground.
The current is set according to the following equation : IO = VREF/Re (A)
26
D-GND2
Lower side internal diode anode connection
27
NC
Unused
28
NC
Unused
29
OUT2
Output
30
OUT2-
Output


同様の部品番号 - LB11948T_10

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_07 Datasheet
137Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
More results

同様の説明 - LB11948T_10

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_07 Datasheet
137Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T Datasheet
248Kb / 12P
   Monolithic Digital IC PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1936V SANYO-LB1936V Datasheet
145Kb / 5P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com