データシートサーチシステム |
|
74458168 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74458168 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 3 page Bezeichnung : description : I Rollenspezifikation / tape and reel specification : A 14,64 ± 0,1 mm B 24,00 ± 0,1 mm C 2,00 min. mm D 1,50 ± 0,1 mm E 4,00 ± 0,1 mm F 2,00 ± 0,1 mm G 1,75 ± 0,1 mm H 14,2 ± 0,1 mm I 18,76 ± 0,1 mm J 7,40 ± 0,1 mm T 0,40 ± 0,03 mm W 32,0 ± 0,3 mm a 330,0 ± 0,5 mm b 20,20 ± 0,1 mm + 0,5 - 1,0 d 100,0 ± 1,0 mm MST 04-10-11 Name Datum / date Version 1 http://www.we-online.de Geprüft / checked Kontrolliert / approved Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Änderung / modification Würth Elektronik ................................................... ............................................. ............................................................................. .................................................................................. Datum / date Unterschrift / signature Freigabe erteilt / general release: Kunde / customer mm 13,00 c DATUM / DATE : 2004-10-11 Gurtspezifikation / Tape specification: Rollenspezifikation / Reel specification: SPEICHERDROSSEL WE-PD 4 POWER-CHOKE WE-PD 4 Kunde / customer : Artikelnummer / part number : 74458168 Spezifikation für Freigabe / specification for release I J T øD AB C H W G F E Ø c a d b The force for tearing off cover tape is 20 to 70 grams in arrow direction 150° feeding direction This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments, when use electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage RoHS compliant LF SEITE 3 VON 3 |
同様の部品番号 - 74458168 |
|
同様の説明 - 74458168 |