データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-110-SL-E データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 STK672-110-SL-E
部品情報  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-110-SL-E データシート(HTML) 1 Page - Sanyo Semicon Device

  STK672-110-SL-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-110-SL-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
O1712HKPC 5-6405 No. A2139-1/11
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
STK672-110-SL-E
Overview
The STK672-110-SL-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.
Applications
• Office photocopiers, printers, etc.
Features
• The motor speed can be controlled by the frequency of an external clock signal (the CLOCK pin signal).
• The excitation type is switched according to the state (low or high) of the MODE pin. The mode is set to 2-phase or
1-2phase excitation on the rising edge of the clock signal.
• A motor direction switching pin (the CWB pin) is provided.
• All inputs are schmitt inputs and 40kΩ (typical: –50 to +100%) pull-up resistors are built in.
• The motor current can be set by changing the Vref pin voltage. Since a 0.22Ω current detection resistor is built in, a
current of 1A is set for each 0.22V of applied voltage.
• The input frequency range for the clock signal used for motor speed control is 0 to 25kHz.
• Supply voltage ranges: VCC = 10 to 42V, VDD = 5.0V ±5%
• This IC supports motor operating currents of up to 1.8A at Tc = 105°C, and of up to 2.65A at Tc = 25°C.
Ordering number : ENA2139
Thick-Film Hybrid IC
2-phase Stepping Motor Driver


同様の部品番号 - STK672-110-SL-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK672-110-SL-E ONSEMI-STK672-110-SL-E Datasheet
172Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results

同様の説明 - STK672-110-SL-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com