データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN2103 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN2103
部品情報  3 A, 24 V Input, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN2103_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2103_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 • Rev. 1.0.8
5
Electrical Specifications
Recommended operating conditions are the result of using the circuit shown in Figure 1 unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
VCC Current
SW = Open, FB = 0.7 V, VCC = 5 V,
fSW = 600 KHz
8
12
mA
Shutdown: EN = 0, VCC = 5 V
7
10
µA
VCC UVLO Threshold
Rising VCC
4.1
4.3
4.5
V
Hysteresis
300
mV
Oscillator
Frequency
RT = 50 K
Ω
255
300
345
KHz
RT = 24 K
Ω
540
600
660
KHz
Minimum On-Time
(2)
50
65
ns
Ramp Amplitude, pk–pk
16 VIN, 1.8 VOUT, RT = 30 K
Ω,
RRAMP = 200 K
Ω
0.53
V
Minimum Off-Time
(2)
100
150
ns
Reference
Reference Voltage (VFB)
FAN2103M, 25°C
794
800
806
mV
FAN2103EM, 25°C
795
800
805
mV
Temperature Coefficient
FAN2103M, -10 to +85°C
50
PPM
FAN2103EM, -40 to +85°C
70
PPM
Error Amplifier
DC Gain
(2)
VCC = 5 V
80
85
dB
Gain Bandwidth Product
(2)
12
15
MHz
Output Voltage (VCOMP)
0.4
3.2
V
Output Current, Sourcing
VCC = 5 V, VCOMP = 2.2 V
1.5
2.2
mA
Output Current, Sinking
VCC = 5 V, VCOMP = 1.2 V
0.8
1.2
mA
FB Bias Current
VFB = 0.8 V, 25°C
-850
-650
-450
nA
Protection and Shutdown
Current Limit
RILIM Open
3.8
5.0
7.0
A
ILIM Current
25°C, VCC = 5 V
9
10
11
µA
Over-Temperature Shutdown
Internal IC Temperature
+160
°C
Over-Temperature Hysteresis
+30
°C
Over-Voltage Threshold
2 Consecutive Clock Cycles
110
115
120
%VOUT
Under-Voltage Shutdown
16 Consecutive Clock Cycles
68
73
78
%VOUT
Fault Discharge Threshold
Measured at FB Pin
250
mV
Fault Discharge Hysteresis
Measured at FB Pin (VFB ~500 mV)
250
mV
Soft-Start
VOUT to Regulation (T0.8)
Frequency = 600 KHz
5.3
ms
Fault Enable/SSOK (T1.0)
6.7
ms
Note:
2.
Specifications guaranteed by design and characterization; not production tested.


同様の部品番号 - FAN2103_12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
More results

同様の説明 - FAN2103_12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
   Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
   3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
   3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
logo
Texas Instruments
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com