データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN53600AUC33X データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FAN53600AUC33X
部品情報  3 MHz, 600 mA / 1A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53600AUC33X データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN53600AUC33X Datasheet HTML 2Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 3Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 4Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 5Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 6Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 7Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 8Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 9Page - Fairchild Semiconductor FAN53600AUC33X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53600 / FAN53610 • Rev. 1.0.0
6
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6 V, VMODE = 0 V (AUTO Mode), and TA = 25°C.
70%
73%
76%
79%
82%
85%
88%
91%
0
200
400
600
800
1000
Load Current (mA)
2.7 VIN
3.6 VIN
4.2 VIN
5.0 VIN
60%
65%
70%
75%
80%
85%
90%
0
200
400
600
800
1000
Load Current (mA)
-40C, AUTO
+25C, AUTO
+85C, AUTO
-40C, PWM
+25C, PWM
+85C, PWM
Figure 10. Efficiency vs. Load Current and Input
Voltage, VOUT=1.23 V, Dotted for Decreasing Load
Figure 11. Efficiency vs. Load Current and
Temperature, VOUT=1.23 V, Dotted for FPWM
-2
-1
0
1
2
3
0
200
400
600
800
1000
Load Current (mA)
2.7VIN, AUTO
3.6VIN, AUTO
4.2VIN, AUTO
5.0VIN, AUTO
2.7VIN, PWM
3.6VIN, PWM
4.2VIN, PWM
5.0VIN, PWM
-2
-1
0
1
2
3
0
200
400
600
800
1000
Load Current (mA)
2.7VIN, AUTO
3.6VIN, AUTO
4.2VIN, AUTO
5.0VIN, AUTO
2.7VIN, PWM
3.6VIN, PWM
4.2VIN, PWM
5.0VIN, PWM
Figure 12. ∆VOUT (%) vs. Load Current and Input
Voltage, VOUT=1.82 V, Normalized to 3.6 VIN, 500mA
Load, FPWM, Dotted for Auto Mode
Figure 13. ∆VOUT (%) vs. Load Current and Input
Voltage, VOUT=1.23 V, Normalized to 3.6 VIN, 500 mA
Load, FPWM, Dotted for Auto Mode
0
100
200
300
400
500
3.33.8
4.34.8
5.3
Input Voltage (V)
PWM
PFM
100% d.c.
0
100
200
300
400
500
2.9
3.4
3.9
4.4
4.9
5.4
Input Voltage (V)
PWM
PFM
100% d.c.
Figure 14. PFM / PWM /100% Duty Cycle Boundary
vs. Input Voltage, VOUT=3.3 V
Figure 15. PFM / PWM /100% Duty Cycle Boundary
vs. Input Voltage, VOUT=2.9 V


同様の部品番号 - FAN53600AUC33X

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN53600AUC33X ONSEMI-FAN53600AUC33X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results

同様の説明 - FAN53600AUC33X

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com