データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1507-0000-000N00G250F データシート(PDF) 4 Page - Cree, Inc

部品番号 CXA1507-0000-000N00G250F
部品情報  Cree짰 XLamp짰 CXA1507 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00G250F データシート(HTML) 4 Page - Cree, Inc

  CXA1507-0000-000N00G250F Datasheet HTML 1Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00G250F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
4
XLamp CXa1507 LED
fluX characteristics, standard order codes and bins, 90 cri (i
f = 200 ma, tJ= 85 °c)
The following tables provide order codes for XLamp CXA1507 90 CRI minimum LeDs. For a complete description of the
order code nomenclature, please reference Bin and order Code Formats (page 13).
color
cct
range
base order codes
min. luminous flux
@ 200 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
easywhite
3000K
D4
550
614
30H
CXA1507-0000-000N0UD430H
30F
CXA1507-0000-000N0UD430F
e2
590
659
CXA1507-0000-000N0Ue230H
CXA1507-0000-000N0Ue230F
2700K
C4
475
530
27H
CXA1507-0000-000N0UC427H
27F
CXA1507-0000-000N0UC427F
D2
510
569
CXA1507-0000-000N0UD227H
CXA1507-0000-000N0UD227F
D4
550
614
CXA1507-0000-000N0UD427H
CXA1507-0000-000N0UD427F
color
cct
range
base order codes
min luminous flux
@ 200 ma
chromaticity regions
order code
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
ANSI white
3000K
D4
550
614
7A0, 7B0, 7C0, 7D0
CXA1507-0000-000N0UD40e7
e2
590
659
CXA1507-0000-000N0Ue20e7
2700K
C4
475
530
8A0, 8B0, 8C0, 8D0
CXA1507-0000-000N0UC40e8
D2
510
569
CXA1507-0000-000N0UD20e8
D4
550
614
CXA1507-0000-000N0UD40e8
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for high CRI color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H is 90.
*
Flux values @ 25 °C are calculated and for reference only.


同様の部品番号 - CXA1507-0000-000N00G250F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1507-0000-000N00G250F CREE-CXA1507-0000-000N00G250F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00G250F CREE-CXA1507-0000-000N00G250F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

同様の説明 - CXA1507-0000-000N00G250F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com