データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-543-E データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 STK672-543-E
部品情報  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-543-E データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-543-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-543-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
STK672-543-E
No. A2113-6/22
• Motor current peak value IOH setting
• When RO2 is open
IOH= [Vref×1k/(1k+3.9k)] ÷Rs= (Vref÷4.9) ÷Rs
The values 1k and 3.9k represent internal driver resistance values, while Rs represents the internal driver current
detection resistance.
Vref= (4.9k
÷ (4.9k+RO1)) ×5V (or 3.3V) =IOH×4.9×Rs
The value 4.9k represents the series resistance value of the internal driver values of 1k and 3.9k.
• If RO2 is connected
IOH= [Vref×1k/ (1k+3.9k)] ÷Rs= (Vref÷4.9) ÷Rs
The values 1k and 3.9k represent the internal driver resistance values, while Rs represents the internal driver current
detection resistance.
Vref= (R0x
÷ (RO1+R0x)) ×5V (or 3.3V) =IOH×4.9×Rs
= [(4.9k
×RO2) ÷ ((4.9k×RO2) +RO1× (4.9k+RO2))] ×5V(or 3.3V)
R0x= (4.9k
×RO2) ÷ (4.9k+RO2)
Rs represents the current detection resistance inside the HIC, while the value 4.9k in the formula above represents the
internal resistance value of the Vref pin.
Rs=0.11
Ω when using the STK672-543-E
Rs=0.165
Ω when using the STK672-533-E
Rs=0.33
Ω when using the STK672-523-E
[Smoke Emission Precuations]
If any of the output pins 2, 3, 4, and 5 is held open, the electrical stress onto the driver due to the inductive energy
accumulated in the motor could cause short-circuit followed by permanent damage to the internal MOSFET. As a result,
the STK672-543-E may give rise to emit smoke.
Input Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
CLOCK
9
Reference clock for motor phase current switching
Operates on the rising edge of the signal
MODE
8
Excitation mode selection
Low: 2-phase excitation
High: 1-2 phase excitation
CWB
10
Motor direction switching
Low: CW (forward)
High: CCW (reverse)
RESETB
11
System reset and A, AB, B, and BB outputs cutoff.
Applications must apply a reset signal for at least 10
μs
when VDD is first applied.
A reset is applied by a low level
ENABLE
12
The A, AB, B, and BB outputs are turned off, and after
operation is restored by returning the ENABLE pin to the
high level, operation continues with the same excitation
timing as before the low-level input.
The A, AB, B, and BB outputs are turned off by a low-
level input.
(1) A simple reset function is formed from D1, CO2, RO3, and RO4 in this application circuit. With the CLOCK input
held low, when the 5V supply voltage is brought up a reset is applied if the motor output phases A and BB are
driven. If the 5V supply voltage rise time is slow (over 50ms), the motor output phases A and BB may not be driven.
Increase the value of the capacitor CO2 and check circuit operation again.
(2) See the timing chart for the concrete details on circuit operation.
IOH
0


同様の部品番号 - STK672-543-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK672-543-E ONSEMI-STK672-543-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
More results

同様の説明 - STK672-543-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com