データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD5N50NZFTM データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDD5N50NZFTM
部品情報  N-Channel MOSFET 500V, 3.7A, 1.75廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50NZFTM データシート(HTML) 2 Page - Fairchild Semiconductor

  FDD5N50NZFTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDD5N50NZF Rev. C0
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD5N50NZF
FDD5N50NZFTM
D-PAK
380mm
16mm
2500
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V, TC = 25
oC
500
-
-
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25
oC-
0.5
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
-
-
10
μA
VDS = 400V, VGS = 0V,TC = 125
oC
-
-
100
IGSS
Gate to Body Leakage Current
VGS = ±25V, VDS = 0V
-
-
±10
μA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250μA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 1.85A
-
1.47
1.75
Ω
gFS
Forward Transconductance
VDS = 20V, ID = 1.85A
(Note 4)
-4.2
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
365
485
pF
Coss
Output Capacitance
-
50
65
pF
Crss
Reverse Transfer Capacitance
-
4
8
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400V ID = 3.7A
VGS = 10V
(Note 4, 5)
-
9
12
nC
Qgs
Gate to Source Gate Charge
-
2
-
nC
Qgd
Gate to Drain “Miller” Charge
-
4
-
nC
td(on)
Turn-On Delay Time
VDD = 250V, ID = 3.7A
VGS = 10V, RGEN = 25Ω
(Note 4, 5)
-12
35
ns
tr
Turn-On Rise Time
-
19
50
ns
td(off)
Turn-Off Delay Time
-
31
70
ns
tf
Turn-Off Fall Time
-
22
55
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
3.7
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
14
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 3.7A
-
-
1.5
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 3.7A
dIF/dt = 100A/μs
(Note 4)
-87
-
ns
Qrr
Reverse Recovery Charge
-
0.15
-
μC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 23mH, IAS = 3.7A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 3.7A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Dual Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


同様の部品番号 - FDD5N50NZFTM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD5N50NZFTM FAIRCHILD-FDD5N50NZFTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

同様の説明 - FDD5N50NZFTM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP5N50NZF FAIRCHILD-FDP5N50NZF Datasheet
272Kb / 9P
   N-Channel MOSFET 500V, 4.2A, 1.75廓
logo
Kersemi Electronic Co.,...
KSMD4N25 KERSEMI-KSMD4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
KSMU4N25 KERSEMI-KSMU4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
logo
STMicroelectronics
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com