データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD7N60NZ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDD7N60NZ
部品情報  N-Channel MOSFET 600V, 5.5A, 1.25?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7N60NZ データシート(HTML) 1 Page - Fairchild Semiconductor

  FDD7N60NZ_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 7Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 8Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2010
©2010 Fairchild Semiconductor Corporation
FDD7N60NZ / FDU7N60NZ Rev. A
www.fairchildsemi.com
1
UniFET-II
TM
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FDD7N60NZ/FDU7N60NZ
Units
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
±25
V
ID
Drain Current
-Continuous (TC = 25
oC)
5.5
A
-Continuous (TC = 100
oC)
3.3
IDM
Drain Current
- Pulsed
 (Note 1)
22
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
347
mJ
IAR
Avalanche Current
 (Note 1)
5.5
A
EAR
Repetitive Avalanche Energy
 (Note 1)
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt
 (Note 3)
10
V/ns
PD
Power Dissipation
(TC = 25
oC)
90
W
- Derate above 25oC0.7
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDD7N60NZ/FDU7N60NZ
Units
RJC
Thermal Resistance, Junction to Case
1.4
oC/W
RJA
Thermal Resistance, Junction to Ambient
90
FDD7N60NZ / FDU7N60NZ
N-Channel MOSFET
600V, 5.5A, 1.25
Features
•RDS(on) = 1.05 ( Typ.)@ VGS = 10V, ID = 2.75A
• Low Gate Charge ( Typ. 13nC)
•Low Crss ( Typ. 7pF)
• Fast Switching
• 100% Avalanche Tested
• Improved dv/dt Capability
• ESD Improved Capability
•RoHS Compliant
Description
These N-Channel enhancement mode power field effect
tran-
sistors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advance technology has been especially tailored to
mini-
mize on-state resistance, provide superior switching
perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
cient switching mode power supplies and active power factor
correction.
G
S
D
G
S
D
G
S
D
D-PAK
I-PAK
G
D S


同様の部品番号 - FDD7N60NZ_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
More results

同様の説明 - FDD7N60NZ_10

メーカー部品番号データシート部品情報
logo
E-CMOS Corporation
EC746N60J E-CMOS-EC746N60J Datasheet
417Kb / 5P
   600V,5.5A N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDPF7N60NZ FAIRCHILD-FDPF7N60NZ Datasheet
285Kb / 10P
   N-Channel MOSFET 600V, 6.5A, 1.25?
logo
Renesas Technology Corp
N6504NZ RENESAS-N6504NZ Datasheet
303Kb / 8P
   N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
logo
KIA Semiconductor Techn...
6N65H KIA-6N65H Datasheet
281Kb / 5P
   5.5A竊?50V N-CHANNEL MOSFET
logo
E-CMOS Corporation
EC744N65 E-CMOS-EC744N65 Datasheet
393Kb / 5P
   650V,5.5A N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD6N50F FAIRCHILD-FDD6N50F Datasheet
354Kb / 9P
   N-Channel MOSFET 500V, 5.5A, 1.15廓
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com