データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74479051 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74479051
部品情報  WE-MI SMD Multilayer Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479051 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479051 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479051 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479051 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479051 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479051 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5.1
5.0
4.0
REV
2012-06-27
2012-05-02
2004-10-11
DATE
SSt
SSt
MST
BY
SSt
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MI SMD Multilayer Inductor
Order.- No.
74479051
SIZE
A4
Size: 0805
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Q-factor
Rated Current
DC Resistance
Self Resonant Frequency
Test conditions
10 MHz
10 MHz
L
Q
IR
RDC
SRF
Value
1.8
45
50
0.6
60
Unit
µH
mA
Ω
MHz
Tol.
±10%
min.
max.
max.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C un-
der worst case operating conditions.
Ambient temperature: -55°C to +105°C (refering to IR)
Operating temperature: -55°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74479051

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744790515 WURTH-744790515 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
More results

同様の説明 - 74479051

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74479021 WURTH-74479021 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479032 WURTH-74479032 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479053 WURTH-74479053 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479136 WURTH-74479136 Datasheet
804Kb / 5P
   WE-MI SMD Multilayer Inductor
744790515 WURTH-744790515 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
7447912 WURTH-7447912 Datasheet
803Kb / 5P
   WE-MI SMD Multilayer Inductor
7447968 WURTH-7447968 Datasheet
828Kb / 5P
   WE-MI SMD Multilayer Inductor
74479628 WURTH-74479628 Datasheet
828Kb / 5P
   WE-MI SMD Multilayer Inductor
7447902 WURTH-7447902 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
7447913 WURTH-7447913 Datasheet
803Kb / 5P
   WE-MI SMD Multilayer Inductor
74479052 WURTH-74479052 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com