データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX012BL データシート(PDF) 1 Page - Sony Corporation

部品番号 LCX012BL
部品情報  3.3cm (1.3-inch) Black-and-White LCD Panel
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX012BL データシート(HTML) 1 Page - Sony Corporation

  LCX012BL Datasheet HTML 1Page - Sony Corporation LCX012BL Datasheet HTML 2Page - Sony Corporation LCX012BL Datasheet HTML 3Page - Sony Corporation LCX012BL Datasheet HTML 4Page - Sony Corporation LCX012BL Datasheet HTML 5Page - Sony Corporation LCX012BL Datasheet HTML 6Page - Sony Corporation LCX012BL Datasheet HTML 7Page - Sony Corporation LCX012BL Datasheet HTML 8Page - Sony Corporation LCX012BL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
– 1 –
LCX012BL
E96512-ST
3.3cm (1.3-inch) Black-and-White LCD Panel
Description
The LCX012BL is a 3.3cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with built-in peripheral
driving circuit. Use of three panels in combination
with the LCX012BL provides a full-color represen-
tation. The striped arrangement suitable for data
projectors is capable of displaying fine text and
vertical lines.
The adoption of advanced on-chip black matrix
realizes high picture quality without cross talk by
incorporating high luminance screen and cross talk
free circuit.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing and
control signals.
Using Sony’s timing generator “CXD2442Q” sends
timing signal necessary for LCD panel drive by
identificating computer supporting VGA automati-
cally,
and
supports
double-speed
processed
NTSC/PAL.
Features
• The number of active dots: 312,000 (1.3-inch; 3.3cm in diagonal)
• Accepts the computer requirements of VGA platform (640 x 480)
• High optical transmittance: 25% (typ.)
• Supports NTSC/PAL by processing the video signal at double speed
• Built-in cross talk free circuit
• High contrast ratio with normally white mode: 250 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
Element Structure
• Dots: 644 (H)
× 484 (V) = 311,696
• Built-in peripheral driver using polycrystalline silicon super thin film transistors.
Applications
• Liquid crystal data projectors
• Liquid crystal projectors, etc.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


同様の部品番号 - LCX012BL

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
   3.6cm (1.43-inch) LCD Panel (with microlens)
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

同様の説明 - LCX012BL

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com