データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS86141 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDS86141
部品情報  N-Channel PowerTrench짰 MOSFET 100 V, 7 A, 23 m?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS86141 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDS86141 Datasheet HTML 1Page - Fairchild Semiconductor FDS86141 Datasheet HTML 2Page - Fairchild Semiconductor FDS86141 Datasheet HTML 3Page - Fairchild Semiconductor FDS86141 Datasheet HTML 4Page - Fairchild Semiconductor FDS86141 Datasheet HTML 5Page - Fairchild Semiconductor FDS86141 Datasheet HTML 6Page - Fairchild Semiconductor FDS86141 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
© 2007 Fairchild Semiconductor Corporation
FDS86141 • Rev. C4
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs. Drain-to-Source Voltage
Figure 9. Unclamped Inductive Switching Capability
Figure 10. Maximum Continuous Drain Current
vs. Ambient Temperature
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single-Pulse Maximum Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted.
0
3
6
9
12
15
0
2
4
6
8
10
ID = 7 A
VDD = 50 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 75 V
0.1
1
10
100
5
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
0.01
0.1
1
10
50
1
10
20
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
25
50
75
100
125
150
0
2
4
6
8
VGS = 6 V
RJA = 50
o
C/W
VGS = 10 V
T
A
, AMBIENT TEMPERATURE (
o
C
)
0.01
0.1
1
10
100
600
0.01
0.1
1
10
100
10 s
100us
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RJA = 125
oC/W
TA = 25
oC
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
500
SINGLE PULSE
RJA = 125
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)


同様の部品番号 - FDS86141

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
More results

同様の説明 - FDS86141

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDT86113LZ FAIRCHILD-FDT86113LZ Datasheet
179Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 3.3 A, 100 m
FDN8601 FAIRCHILD-FDN8601 Datasheet
163Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 109 m
FDMS86101 FAIRCHILD-FDMS86101 Datasheet
250Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 49 A, 8 m?
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
logo
Diodes Incorporated
FDD86102LZ DIODES-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com