データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX026ALE データシート(PDF) 10 Page - Sony Corporation

部品番号 LCX026ALE
部品情報  2.3cm (0.9-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX026ALE データシート(HTML) 10 Page - Sony Corporation

Back Button LCX026ALE Datasheet HTML 6Page - Sony Corporation LCX026ALE Datasheet HTML 7Page - Sony Corporation LCX026ALE Datasheet HTML 8Page - Sony Corporation LCX026ALE Datasheet HTML 9Page - Sony Corporation LCX026ALE Datasheet HTML 10Page - Sony Corporation LCX026ALE Datasheet HTML 11Page - Sony Corporation LCX026ALE Datasheet HTML 12Page - Sony Corporation LCX026ALE Datasheet HTML 13Page - Sony Corporation LCX026ALE Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
– 10 –
LCX026ALE
Reflection Preventive Processing
When a retardation film which rotates the polarization axis is used to adjust to the polarization direction of a
polarization screen or prism, use a retardation film with reflection preventive processing on the surface. This
prevents characteristic deterioration caused by luminous reflection.
Electro-optical Characteristics
(SVGA mode)
Item
Contrast ratio
25°C
25°C
25°C
60°C
25°C
60°C
25°C
60°C
0°C
25°C
0°C
25°C
60°C
25°C
25°C
CR
T
RV90-25
GV90-25
BV90-25
RV90-60
GV90-60
BV90-60
RV50-25
GV50-25
BV50-25
RV50-60
GV50-60
BV50-60
RV10-25
GV10-25
BV10-25
RV10-60
GV10-60
BV10-60
ton0
ton25
toff0
toff25
F
YT60
CTK
150
15
1.0
1.1
1.2
1.0
1.0
1.1
1.4
1.5
1.6
1.4
1.4
1.5
1.9
2.0
2.1
1.9
1.9
1.9
350
17
1.3
1.5
1.6
1.3
1.4
1.5
1.7
1.8
1.9
1.6
1.7
1.8
2.2
2.3
2.4
2.1
2.2
2.3
30
12
100
30
–65
1.7
1.9
2.0
1.6
1.7
1.9
2.0
2.1
2.2
1.9
2.0
2.1
2.5
2.6
2.7
2.4
2.5
2.6
80
40
200
70
–40
0
5
1
2
3
4
5
6
7
%
V
ms
dB
s
%
Optical transmittance
V-T
characteristics
V90
V50
ON time
OFF time
V10
Response time
Flicker
Image retention time
Cross talk
Symbol
Measurement method
Min.
Typ.
Max.
Unit


同様の部品番号 - LCX026ALE

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results

同様の説明 - LCX026ALE

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX026BLT SONY-LCX026BLT Datasheet
364Kb / 25P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CRT SONY-LCX029CRT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com