データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD19N10 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FQD19N10
部品情報  100V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD19N10 データシート(HTML) 3 Page - Fairchild Semiconductor

  FQD19N10_09 Datasheet HTML 1Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 2Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 3Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 4Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 5Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 6Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 7Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 8Page - Fairchild Semiconductor FQD19N10_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. A1, January 2009
©2009 Fairchild Semiconductor International
0
4
8
12
16
20
0
2
4
6
8
10
12
V
DS = 50V
V
DS = 80V
※ Note : I
D = 19A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
300
600
900
1200
1500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
-1
10
0
10
1
25℃
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
V
SD , Source-Drain Voltage [V]
0
20
406080
0.00
0.06
0.12
0.18
0.24
0.30
※ Note : T
J = 25
V
GS = 20V
V
GS = 10V
I
D , Drain Current [A]
24
6
8
10
10
-1
10
0
10
1
※ Notes :
1. V
DS = 40V
2. 250μs Pulse Test
-55℃
150℃
25℃
V
GS
, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


同様の部品番号 - FQD19N10_09

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD19N10L FAIRCHILD-FQD19N10L Datasheet
623Kb / 9P
   100V LOGIC N-Channel MOSFET
FQD19N10L FAIRCHILD-FQD19N10L Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
logo
VBsemi Electronics Co.,...
FQD19N10L VBSEMI-FQD19N10L Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQD19N10L ISC-FQD19N10L Datasheet
293Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results

同様の説明 - FQD19N10_09

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com