データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCX037BLT データシート(PDF) 6 Page - Sony Corporation

部品番号 LCX037BLT
部品情報  3.4cm (1.35 Type) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX037BLT データシート(HTML) 6 Page - Sony Corporation

Back Button LCX037BLT Datasheet HTML 2Page - Sony Corporation LCX037BLT Datasheet HTML 3Page - Sony Corporation LCX037BLT Datasheet HTML 4Page - Sony Corporation LCX037BLT Datasheet HTML 5Page - Sony Corporation LCX037BLT Datasheet HTML 6Page - Sony Corporation LCX037BLT Datasheet HTML 7Page - Sony Corporation LCX037BLT Datasheet HTML 8Page - Sony Corporation LCX037BLT Datasheet HTML 9Page - Sony Corporation LCX037BLT Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
– 6 –
LCX037BLT
Input Signals
1. Input signal voltage conditions (VSS = 0V)
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig1, 3, 5, 7, 9, 11
Vsig2, 4, 6, 8
Vcom
Vpsig1, 3
Vpsig2, 4
–0.5
4.5
–0.5
4.5
7.4
VVC ± 4.4
VVC ± 4.4
VVC – 0.8
VVC ± 4.4
VVC ± 2.3
0.0
5.0
0.0
5.0
7.5
VVC ± 4.5
VVC ± 4.5
VVC – 0.7
VVC ± 4.5
VVC ± 2.5
0.4
5.5
0.4
5.5
7.6
VVC ± 4.6
VVC ± 4.6
VVC – 0.6
VVC ± 4.6
VVC ± 2.7
V
V
V
V
V
V
V
V
V
V
V shift register input voltage
VB1, VB2, BLK, VST,
VCK, PCG, ENB, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Uniformity improvement signal
input voltage∗3
Symbol
Min.
Typ.
Max.
Unit
∗1 Input video signal shall be symmetrical to VVC.
∗2 The typical value of the common pad voltage may lower its suitable voltage according to the set
construction to use. In this case, use the voltage of which has maximum contrast as typical value.
When the typical value is lowered, the maximum and minimum values may lower.


同様の部品番号 - LCX037BLT

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX037BL SONY-LCX037BL Datasheet
60Kb / 2P
   High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age
More results

同様の説明 - LCX037BLT

メーカー部品番号データシート部品情報
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com