データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB50325AT データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FSB50325AT
部品情報  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325AT データシート(HTML) 5 Page - Fairchild Semiconductor

  FSB50325AT Datasheet HTML 1Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 2Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 3Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 4Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 5Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 6Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 7Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 8Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FSB50325AT Rev. A
Recommended Operating Condition
Package Marking & Ordering Information
Figure 2. Built in Bootstrap Diode Characteristics(typ.)
Symbol
Parameter
Conditions
Value
Units
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P and N
-
150
200
V
VCC
Control Supply Voltage
Applied between VCC and COM
13.5
15
16.5
V
VBS
High-side Bias Voltage
Applied between VB and VS
13.5
15
16.5
V
VIN(ON)
Input ON Threshold Voltage
Applied between IN and COM
3.0
-
VCC
V
VIN(OFF)
Input OFF Threshold Voltage
0
-
0.6
V
tdead
Blanking Time for Preventing
Arm-short
VCC=VBS=13.5 ~ 16.5V, TJ £ 150°C
1.0
-
-
ms
fPWM
PWM Switching Frequency
TJ £ 150°C
-
15
-
kHz
Device Marking
Device
Package
Reel Size
Packing Type
Quantity
FSB50325AT
FSB50325AT
SPM23-ED
-
-
15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Built in Bootstrap Diode V
F
-I
F
Characteristic
V
F
[V]
Tc=25°C


同様の部品番号 - FSB50325AT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50325AT FAIRCHILD-FSB50325AT Datasheet
1Mb / 12P
   Motion SPMR 5 Series
logo
ON Semiconductor
FSB50325AT ONSEMI-FSB50325AT Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

同様の説明 - FSB50325AT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com