データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB50325AT データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FSB50325AT
部品情報  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325AT データシート(HTML) 1 Page - Fairchild Semiconductor

  FSB50325AT Datasheet HTML 1Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 2Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 3Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 4Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 5Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 6Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 7Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 8Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2011 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB50325AT Rev. A
Motion-SPM
December 2011
TM
FSB50325AT
Smart Power Module (SPM®)
Features
• 250V RDS(on)=1.7W(max) 3-phase FRFET inverter including
high voltage integrated circuit (HVIC)
• 3 divided negative dc-link terminals for inverter current sens-
ing applications
• HVIC for gate driving and undervoltage protection
• 3/5V CMOS/TTL compatible, active-high interface
• Optimized for low electromagnetic interference
• Isolation voltage rating of 1500Vrms for 1min.
• HVIC temperature sensing
• Embedded bootstrap diode in the package
• RoHS compliant
Applications
• Three-phase inverter driver for small power ac motor drives
General Description
FSB50325AT is a tiny smart power module (SPM®) based on
FRFET technology as a compact inverter solution for small
power motor drive applications such as fan motors and water
suppliers. It is composed of 6 fast-recovery MOSFET (FRFET),
and 3 half-bridge HVICs for FRFET gate driving. FSB50325AT
provides low electromagnetic interference (EMI) characteristics
with optimized switching speed. Moreover, since it employs
FRFET as a power switch, it has much better ruggedness and
larger safe operation area (SOA) than that of an IGBT-based
power module or one-chip solution. The package is optimized
for the thermal performance and compactness for the use in the
built-in motor application and any other application where the
assembly space is concerned. FSB50325AT is the best
solution for the compact inverter providing the energy efficiency,
compactness, and low electromagnetic interference.


同様の部品番号 - FSB50325AT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50325AT FAIRCHILD-FSB50325AT Datasheet
1Mb / 12P
   Motion SPMR 5 Series
logo
ON Semiconductor
FSB50325AT ONSEMI-FSB50325AT Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

同様の説明 - FSB50325AT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com