データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB50325AT データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FSB50325AT
部品情報  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325AT データシート(HTML) 2 Page - Fairchild Semiconductor

  FSB50325AT Datasheet HTML 1Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 2Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 3Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 4Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 5Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 6Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 7Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 8Page - Fairchild Semiconductor FSB50325AT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FSB50325AT Rev. A
Absolute Maximum Ratings
Inverter Part (Each FRFET Unless Otherwise Specified)
Control Part (Each HVIC Unless Otherwise Specified)
Bootstrap Diode Part (Each Bootstrap diode Unless Otherwise Specified)
Thermal Resistance
Total System
Note:
1. For the measurement point of case temperature TC, please refer to Figure 4.
2. Marking “ * “ is calculation value or design factor.
Symbol
Parameter
Conditions
Rating
Units
VPN
DC Link Input Voltage,
Drain-source Voltage of each FRFET
250
V
*ID25
Each FRFET Drain Current, Continuous
TC = 25°C
1.7
A
*ID80
Each FRFET Drain Current, Continuous
TC = 80°C
1.3
A
*IDP
Each FRFET Drain Current, Peak
TC = 25°C, PW < 100ms
4.4
A
*IDRMS
Each FRFET Drain Current, Rms
TC = 80°C, FPWM < 20KHz
0.9
Arms
*PD
Maximum Power Dissipation
TC = 25°C, For Each FRFET
12.3
W
Symbol
Parameter
Conditions
Rating
Units
VCC
Control Supply Voltage
Applied between VCC and COM
20
V
VBS
High-side Bias Voltage
Applied between VB and VS
20
V
VIN
Input Signal Voltage
Applied between IN and COM
-0.3 ~ VCC+0.3
V
Symbol
Parameter
Conditions
Rating
Units
VRRMB
Maixmum Repetitive Reverse Voltage
250
V
* IFB
Forward Current
TC = 25°C
0.5
A
* IFPB
Forward Current (Peak)
TC = 25°C, Under 1ms Pulse Width
1.5
A
Symbol
Parameter
Conditions
Rating
Units
RqJC
Junction to Case Thermal Resistance
Each FRFET under inverter operat-
ing condition (Note 1)
10.2
°C/W
Symbol
Parameter
Conditions
Rating
Units
TJ
Operating Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60Hz, Sinusoidal, 1 minute, Con-
nection pins to heatsink
1500
Vrms


同様の部品番号 - FSB50325AT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50325AT FAIRCHILD-FSB50325AT Datasheet
1Mb / 12P
   Motion SPMR 5 Series
logo
ON Semiconductor
FSB50325AT ONSEMI-FSB50325AT Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

同様の説明 - FSB50325AT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com