データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB50825AS データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FSB50825AS
部品情報  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50825AS データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FSB50825AS Datasheet HTML 2Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 3Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 4Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 5Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 6Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 7Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 8Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 9Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
FSB50825AS Rev. A
Note:
1. About pin position, refer to Figure 2.
2. RC coupling(R5 and C5, R4 and C6) and C4 at each input of SPM
® and Micom are useful to prevent improper input signal caused by surge noise.
3. The voltage drop across R3 affects the low side switching performance and the bootstrap characteristics since it is placed between COM and the source terminal of the low side
MOSFET. For this reason, the voltage drop across R3 should be less than 1V in the steady-state.
4. Ground wires and output terminals, should be thick and short in order to avoid surge voltage and malfunction of HVIC.
5. All the filter capacitors shoud be connected close to SPM®, and they should have good characteristics for rejecting high-frequency ripple current.
Figure 10. Example of Application Circuit
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
(1 ) COM
(2 ) VB(U)
(3 ) VCC(U)
(4 ) IN(UH)
(5 ) IN(UL)
(6 ) N.C
(7 ) VB(V)
(8 ) VCC(V)
(9 ) IN(VH)
(10 ) IN(VL)
(11 ) VTS
(12 ) VB(W)
(13 ) VCC(W)
(14 ) IN(WH)
(15 ) IN(WL)
(16 ) N.C
(17 ) P
(18 ) U , VS(U)
(19 ) NU
(22 ) NW
C1
15- V
Supply
C3
VDC
C2
R3
R4
C6
R5
C5
For current sensing and protection
VTS
(21 ) V , VS(V)
(20 ) NV
(23) W , VS(W)
C
4
M


同様の部品番号 - FSB50825AS

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
More results

同様の説明 - FSB50825AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com