データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBH0270W データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FSBH0270W
部品情報  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0270W データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FSBH0270W Datasheet HTML 2Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 3Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 4Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 5Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 6Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 7Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 8Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 9Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70WA/0170W/0270W • Rev. 1.0.2
6
Electrical Characteristics
VDD=15V and TA=25
°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SenseFET Section
BVDSS
Drain-Source
Breakdown Voltage
VDS=700V, VGS=0V
700
V
IDSS
Zero-Gate-Voltage
Drain Current
VDS=700V, VGS=0V
50
μA
VDS=560V, VGS=0V, TC=125
°C
200
RDS(ON)
Drain-Source On-
State Resistance
(12)
VGS=10V, ID=0.5A
FSBH0F70WA
14.00
19.00
FSBH0170W
8.80
11.00
FSBH0270W
6.00
7.20
CISS
Input Capacitance
VGS=0V, VDS=25V,
f=1MHz
FSBH0F70WA
162
211
pF
FSBH0170W
250
325
FSBH0270W
550
715
COSS
Output Capacitance
VGS=0V, VDS=25V,
f=1MHz
FSBH0F70WA
18
24
pF
FSBH0170W
25
33
FSBH0270W
38
50
CRSS
Reverse Transfer
Capacitance
VGS=0V, VDS=25V,
f=1MHz
FSBH0F70WA
3.8
5.7
pF
FSBH0170W
10
15
FSBH0270W
17
26
tD(ON)
Turn-On Delay
VDS=350V, ID=1.0A
FSBH0F70WA
9.5
29.0
ns
FSBH0170W
12.0
34.0
FSBH0270W
20.0
50.0
tR
Rise Time
VDS=350V, ID=1.0A
FSBH0F70WA
19
48
ns
FSBH0170W
4
18
FSBH0270W
15
40
tD(OFF)
Turn-Off Delay
VDS=350V, ID=1.0A
FSBH0F70WA
33.0
76.0
ns
FSBH0170W
30.0
70.0
FSBH0270W
55.0
120.0
tF
Fall Time
VDS=350V, ID=1.0A
FSBH0F70WA
42
94
ns
FSBH0170W
10
30
FSBH0270W
25
60
Continued on the following page…


同様の部品番号 - FSBH0270W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBH0270 FAIRCHILD-FSBH0270 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0270 FAIRCHILD-FSBH0270 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0270/A FAIRCHILD-FSBH0270/A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0270A FAIRCHILD-FSBH0270A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0270A FAIRCHILD-FSBH0270A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

同様の説明 - FSBH0270W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com