データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBH0270W データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FSBH0270W
部品情報  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0270W データシート(HTML) 2 Page - Fairchild Semiconductor

  FSBH0270W Datasheet HTML 1Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 2Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 3Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 4Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 5Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 6Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 7Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 8Page - Fairchild Semiconductor FSBH0270W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70WA/0170W/0270W • Rev. 1.0.2
2
Ordering Information
Part Number
SenseFET
VIN Pin
(PIN #4)
Operating
Temperature
Range
Package
Packing
Method
FSBH0F70WANY
0.5A 700V
Not
Available
-40°C to +105°C
8-Pin, Dual In-Line Package (DIP)
Tube
FSBH0170WNY
1.0A 700V
Enabled
FSBH0270WNY
2.0A 700V
Typical Application Diagram
HV
Drain
GND
VDD
FB
VIN
Figure 1.
Typical Flyback Application
Table 1. Output Power Table
(1)
Product
230VAC ± 15%
(2)
85-265VAC
Adapter
(3)
Open Frame
(4)
Adapter
(3)
Open Frame
(4)
FSBH0F70WA
7W
10W
6W
8W
FSBH0170W
10W
15W
9W
13W
FSBH0270W
14W
20W
11W
16W
Notes:
1.
The maximum output power can be limited by junction temperature.
2.
230 VAC or 100/115 VAC with doublers.
3.
Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat sink at 50
°C
ambient.
4.
Maximum practical continuous power in an open-frame design with sufficient drain pattern as a heat sink at 50
°C
ambient.


同様の部品番号 - FSBH0270W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBH0270 FAIRCHILD-FSBH0270 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0270 FAIRCHILD-FSBH0270 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0270/A FAIRCHILD-FSBH0270/A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0270A FAIRCHILD-FSBH0270A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0270A FAIRCHILD-FSBH0270A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

同様の説明 - FSBH0270W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com