データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA7912A データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 KA7912A
部品情報  3-Terminal 1A Negative Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7912A データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button KA7912A_12 Datasheet HTML 7Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 8Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 9Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 10Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 11Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 12Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 13Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 14Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
KA79XX/KA79XXA
11
Electrical Characteristics (KA7915A) (Continued)
(VI = -23V, IO = 500mA, 0°C ≤TJ ≤ +125°C, CI =2.2μF, CO =1μF, unless otherwise specified.)
Note
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min. Typ. Max.
Unit
Output Voltage
VO
TJ = +25°C
-14.7 -15 -15.3
V
IO = 5mA to 1A, PO ≤ 15W
VI = -18V to -30V
-14.4 -15 -15.6
Line Regulation (Note1)
ΔVO
TJ =+25°C
VI = -17.5V to -30V
Io = 1A
-12
150
mV
VI = -20V to -26V
Io = 1A
-6
75
VI = -17.9V to -30V
-
12
150
VI = -20V to -26V, Io = 1A
-
6
150
Load Regulation (Note1)
ΔVO
TJ = +25°C, IO = 5mA to 1.5A
-
12
150
mV
TJ = +25°C, IO = 250mA to 750mA
-
4
75
Quiescent Current
IQ
TJ =+25°C-
3
6
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 1A
-
0.05
0.5
mA
VI = -18.5V to -30V
-
0.1
1
Temperature Coefficient of VD
ΔVo/ΔTIO = 5mA
-
-0.9
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA =+25°C-
250
-
μV
Ripple Rejection
RR
f = 120Hz,
ΔVI = 10V
54
60
-
dB
Dropout Voltage
VD
TJ = +25°C, IO = 1A
-
2
-
V
Short Circuit Current
ISC
TJ =+25°C, VI = -35V
-
300
-
mA
Peak Current
IPK
TJ =+25°C-
2.2
-
A


同様の部品番号 - KA7912A_12

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

同様の説明 - KA7912A_12

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com