データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA63 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 PZTA63
部品情報  PNP Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA63 データシート(HTML) 1 Page - Fairchild Semiconductor

  PZTA63_10 Datasheet HTML 1Page - Fairchild Semiconductor PZTA63_10 Datasheet HTML 2Page - Fairchild Semiconductor PZTA63_10 Datasheet HTML 3Page - Fairchild Semiconductor PZTA63_10 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MPSA63 / MMBTA63 / PZTA63 Rev. A1
1
August 2010
MPSA63 / MMBTA63 / PZTA63
PNP Darlington Transistor
Features
• This device is designed for applications requiring extremely high current gain at currents to 800 mA.
• Sourced from Process 61.
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle
operations.
Thermal Characteristics T
a = 25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6”
× 1.6” × 0.06”.
** Device mounted on FR-4 PCB 36mm
× 18mm × 1.5mm; mounting pad for the collector lead min. 6cm2.
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
-30
V
VCBO
Collector-Base Voltage
-30
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current - Continuous
-1.2
A
TJ, Tstg
Operating and Storage Junction Temperature Range
- 55 to +150
°C
Symbol
Parameter
Max.
Units
MPSA63
*MMBTA63
**PZTA63
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
125
°C/W
MPSA63
MMBTA63
PZTA63
EB C
TO-92
SOT-23
SOT-223
Mark:2U
C
B
E
E
B
C
C


同様の部品番号 - PZTA63_10

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
PZTA63 SIEMENS-PZTA63 Datasheet
139Kb / 4P
   PNP Silicon Darlington Transistors
logo
Fairchild Semiconductor
PZTA63 FAIRCHILD-PZTA63 Datasheet
29Kb / 2P
   PNP Darlington Transistor
More results

同様の説明 - PZTA63_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
   PNP Darlington transistor
1999 Apr 13
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
   Darlington Transistor (PNP)
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
   PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
   PNP Darlington transistor
2004 Nov 11
logo
Nexperia B.V. All right...
PMBTA64 NEXPERIA-PMBTA64 Datasheet
283Kb / 7P
   PNP Darlington transistor
2004 Jan 22
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com