データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP120 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 TIP120
部品情報  NPN Epitaxial Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP120 データシート(HTML) 3 Page - Fairchild Semiconductor

  TIP120_08 Datasheet HTML 1Page - Fairchild Semiconductor TIP120_08 Datasheet HTML 2Page - Fairchild Semiconductor TIP120_08 Datasheet HTML 3Page - Fairchild Semiconductor TIP120_08 Datasheet HTML 4Page - Fairchild Semiconductor TIP120_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP120/TIP121/TIP122 Rev. 1.0.0
3
Typical characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Output and Input Capacitance
vs. Reverse Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
0.1
1
10
100
1000
10000
VCE = 4V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IC = 250IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0.1
1
10
100
10
100
1000
Cob
f=0.1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
VEB[V], EMITTER-BASE VOLTAGE
Cib
1
10
100
0.01
0.1
1
10
TIP121
TIP122
TIP120
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
TC[
oC], CASE TEMPERATURE


同様の部品番号 - TIP120_08

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TIP120 STMICROELECTRONICS-TIP120_08 Datasheet
616Kb / 13P
   Complementary power Darlington transistors
More results

同様の説明 - TIP120_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
TIP120TU FAIRCHILD-TIP120TU Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSE800 FAIRCHILD-KSE800 Datasheet
73Kb / 3P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
2SD1672 ETC-2SD1672 Datasheet
34Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100_08 Datasheet
551Kb / 5P
   NPN Epitaxial Silicon Darlington Transistor
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Fairchild Semiconductor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Unisonic Technologies
MMBTA13 UTC-MMBTA13 Datasheet
92Kb / 3P
   DARLINGTON TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com