データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADMP441ACEZ-RL7 データシート(PDF) 5 Page - Analog Devices

部品番号 ADMP441ACEZ-RL7
部品情報  Omnidirectional Microphone with Bottom Port and I2S Digital Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADMP441ACEZ-RL7 データシート(HTML) 5 Page - Analog Devices

  ADMP441ACEZ-RL7 Datasheet HTML 1Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 2Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 3Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 4Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 5Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 6Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 7Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 8Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADMP441
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage (V
DD)
−0.3 V to +3.6 V
Sound Pressure Level
160 dB
Mechanical Shock
10,000 g
Vibration
Per MIL-STD-883 Method
2007, Test Condition B
Operating Temperature Range
−40°C to +85°C
Digital Pin Input Voltage
−0.3 V to V
DD + 0.3 V or 3.6 V,
whichever is less
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 4. Recommended Soldering Profile Limits
Table 5. Recommended Soldering Profile Limits
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (T
L to TP)
1.25°C/sec max
1.25°C/sec max
Preheat
Minimum Temperature (T
SMIN)
100°C
100°C
Maximum Temperature (T
SMAX)
150°C
200°C
Time (T
SMIN to TSMAX), tS
60 sec to 75 sec
60 sec to 75 sec
Ramp-Up Rate (T
SMAX to TL)
1.25°C/sec
1.25°C/sec
Time Maintained Above Liquidous (t
L)
45 sec to 75 sec
~50 sec
Liquidous Temperature (T
L)
183°C
217°C
Peak Temperature (T
P)
215°C +3°C/−3°C
260°C +0°C/−5°C
Time Within 5°C of Actual Peak Temperature (t
P)
20 sec to 30 sec
20 sec to 30 sec
Ramp-Down Rate
3°C/sec max
3°C/sec max
Time 25°C (t
25°C) to Peak Temperature
5 minute max
5 minute max


同様の部品番号 - ADMP441ACEZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADMP441ACEZ-RL7 AD-ADMP441ACEZ-RL7 Datasheet
357Kb / 16P
   Omnidirectional Microphone
REV. A
More results

同様の説明 - ADMP441ACEZ-RL7

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
INMP441 ETC1-INMP441 Datasheet
472Kb / 21P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
logo
Analog Devices
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
   Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
logo
TDK Electronics
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
   Omnidirectional Microphone with Bottom Port and PDM Digital Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
logo
TDK Electronics
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com