データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIZ702DT データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SIZ702DT
部品情報  N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ702DT データシート(HTML) 2 Page - Vishay Siliconix

  SIZ702DT_12 Datasheet HTML 1Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 2Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 3Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 4Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 5Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 6Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 7Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 8Page - Vishay Siliconix SIZ702DT_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 65525
S11-2379-Rev. B, 28-Nov-11
Vishay Siliconix
SiZ702DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
Ch-1
Ch-2
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
Ch-1
Ch-2
33
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
Ch-1
Ch-2
- 5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch-1
Ch-2
12.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
Ch-2
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
Ch-2
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-1
Ch-2
5
On-State Drain Currentb
ID(on)
VDS 5 V, VGS = 10 V
Ch-1
Ch-2
20
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 13.8 A
Ch-1
Ch-2
0.010
0.012
VGS = 4.5 V, ID = 12.6 A
Ch-1
Ch-2
0.012
0.0145
Forward Transconductanceb
gfs
VDS = 10 V, ID = 13.8 A
Ch-1
Ch-2
47
S
Dynamica
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
Ch-2
790
pF
Output Capacitance
Coss
Ch-1
Ch-2
190
Reverse Transfer Capacitance
Crss
Ch-1
Ch-2
76
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 13.8 A
Ch-1
Ch-2
14
21
nC
VDS = 15 V, VGS = 4.5 V, ID = 13.8 A
Ch-1
Ch-2
6.8
11
Gate-Source Charge
Qgs
Ch-1
Ch-2
2.6
Gate-Drain Charge
Qgd
Ch-1
Ch-2
1.9
Gate Resistance
Rg
f = 1 MHz
Ch-1
Ch-2
0.4
2
4


同様の部品番号 - SIZ702DT_12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIZ702DT-T1-GE3 VISHAY-SIZ702DT-T1-GE3 Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results

同様の説明 - SIZ702DT_12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
   N-Channel 30-V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT Datasheet
209Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIS476DN VISHAY-SIS476DN_V01 Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT_V01 Datasheet
216Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ704DT VISHAY-SIZ704DT Datasheet
160Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 28-Sep-09
logo
Vishay Telefunken
SIZ730DT TFUNK-SIZ730DT Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com