データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIZ730DT データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SIZ730DT
部品情報  N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ730DT データシート(HTML) 3 Page - Vishay Siliconix

  SIZ730DT_12 Datasheet HTML 1Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 2Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 3Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 4Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 5Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 6Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 7Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 8Page - Vishay Siliconix SIZ730DT_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 67648
S11-2380-Rev. B, 28-Nov-11
www.vishay.com
3
Vishay Siliconix
SiZ730DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
Channel-2
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
Ch-1
10
20
ns
Ch-2
20
40
Rise Time
tr
Ch-1
15
30
Ch-2
18
35
Turn-Off Delay Time
td(off)
Ch-1
15
30
Ch-2
30
60
Fall Time
tf
Ch-1
7
15
Ch-2
10
20
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
Channel-2
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
Ch-1
5
10
Ch-2
10
20
Rise Time
tr
Ch-1
15
30
Ch-2
15
30
Turn-Off Delay Time
td(off)
Ch-1
17
35
Ch-2
30
60
Fall Time
tf
Ch-1
7
15
Ch-2
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
16
A
Ch-2
35
Pulse Diode Forward Currenta
ISM
Ch-1
70
Ch-2
100
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
Ch-1
0.8
1.2
V
IS = 10 A, VGS = 0 V
Ch-2
0.78
1.2
Body Diode Reverse Recovery Time
trr
Channel-1
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel-2
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch-1
15
30
ns
Ch-2
25
50
Body Diode Reverse Recovery Charge
Qrr
Ch-1
6
12
nC
Ch-2
15
32
Reverse Recovery Fall Time
ta
Ch-1
9
ns
Ch-2
13
Reverse Recovery Rise Time
tb
Ch-1
6
Ch-2
12


同様の部品番号 - SIZ730DT_12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIZ730DT-T1-GE3 VISHAY-SIZ730DT-T1-GE3 Datasheet
209Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ730DT VISHAY-SIZ730DT_V01 Datasheet
216Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
08-Feb-17
More results

同様の説明 - SIZ730DT_12

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
   N-Channel 30-V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT Datasheet
209Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIS476DN VISHAY-SIS476DN_V01 Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT_V01 Datasheet
216Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ704DT VISHAY-SIZ704DT Datasheet
160Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 28-Sep-09
logo
Vishay Telefunken
SIZ730DT TFUNK-SIZ730DT Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ702DT VISHAY-SIZ702DT_12 Datasheet
203Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com