データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP121 データシート(PDF) 1 Page - Comset Semiconductor

部品番号 TIP121
部品情報  SILICON DARLINGTON POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMSET [Comset Semiconductor]
ホームページ  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP121 データシート(HTML) 1 Page - Comset Semiconductor

  TIP121 Datasheet HTML 1Page - Comset Semiconductor TIP121 Datasheet HTML 2Page - Comset Semiconductor TIP121 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN TIP120-121-122
05/10/2012
COMSET SEMICONDUCTORS
1 | 3
SEMICONDUCTORS
SILICON DARLINGTON POWER TRANSISTORS
NPN epitaxial-base transistors in a monolithic Dalrington circuit and housed in a TO-220
enveloppe. They are intended for use in power linear and switching applications.
PNP complements are TIP125-126-127
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
TIP120
60
V
TIP121
80
TIP122
100
VCEO
Collector-Emitter Voltage
TIP120
60
V
TIP121
80
TIP122
100
VEBO
Emitter-Base Voltage
TIP120
5
V
TIP121
TIP122
IC
Collector Current
TIP120
5
A
TIP121
TIP122
ICM
Collector Peak Current
TIP120
8
A
TIP121
TIP122
IB
Base Current
TIP120
120
mA
TIP121
TIP122
PT
Power Dissipation
@ Tc < 25°
TIP120
65
Watts
TIP121
TIP122
@ Ta < 25°
TIP120
2
TIP121
TIP122
TJ
Junction Temperature
TIP120
150
°C
TIP121
TIP122
Ts
Storage Temperature range
TIP120
-65 to +150
TIP121
TIP122


同様の部品番号 - TIP121

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
TIP121 MOSPEC-TIP121 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Jiangsu Changjiang Elec...
TIP121 JIANGSU-TIP121 Datasheet
555Kb / 3P
   Darlington TRANSISTOR (NPN)
logo
List of Unclassifed Man...
TIP121 ETC2-TIP121 Datasheet
403Kb / 6P
   Darlington Transistors
logo
SemiHow Co.,Ltd.
TIP121 SEMIHOW-TIP121 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Motorola, Inc
TIP121 MOTOROLA-TIP121 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
More results

同様の説明 - TIP121

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
   Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BU806 COMSET-BU806 Datasheet
101Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP130 COMSET-TIP130 Datasheet
100Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com