データシートサーチシステム |
|
744043680 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744043680 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 3 page Bezeichnung : description : A mm B mm C mm D mm E mm @@FRM 1@@ = Start of winding Marking = Inductance code Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance DC-Widerstand / DC-resistance DC-Widerstand / DC-resistance Nennstrom / rated current Sättigungsstrom / saturation current Eigenres.-Frequenz / self-res.-fequency 33% Umgebungstemperatur / temperature: +20°C Ferrit Endoberfläche / finishing electrode: CZ 10-08-01 ME 09-01-15 MST 08-04-11 SST 05-12-28 Name Datum / date Kunde / customer Freigabe erteilt / general release: C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties: E Testbedingungen / test conditions: Luftfeuchtigkeit / humidity: It is recommended that the temperature of the part does F Werkstoffe & Zulassungen / material & approvals: Draht / wire: Class H G Eigenschaften / general specifications: Betriebstemp. / operating temperature: -40°C - + 125°C Sn/Ag/Cu - 96.5/3.0/0.5% http://www.we-online.com Spezifikation für Freigabe / specification for release DATUM / DATE : 2010-08-01 max. mA Datum / date .................................................................................. Unterschrift / signature Kontrolliert / approved Testbedingungen / test conditions D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked SRF MHz Umgebungstemp. / ambient temperature: -40°C - + 85°C Basismaterial / base material: not exceed 125°C under worst case operating conditions. Kunde / customer : 744043680 SPEICHERDROSSEL WE-TPC POWER-CHOKE WE-TPC Artikelnummer / part number : A Mechanische Abmessungen / dimensions: 1,60 typ. 1,60typ. 2,8 ± 0,2 HP 34401 A für/for RDC und IDC 0,400 ± 30% 68,00 µH 400 RDC typ 0,340 IDC D Prüfgeräte / test equipment: HP 4274 A für/for L und/and Q @ 20°C @ 20°C ∆T=30 K 100 kHZ / 0,1V 630 13,0 Isat |ΔL/L|<35% Version 5 .................................................................................. .................................................................................. .................................................................................. Würth Elektronik typ. RDC max typ. L max. mA typ. Version 4 4,8 ± 0,2 4,8 ± 0,2 Type 4828 Änderung / modification Version 1 Version 6 Würth Elektronik eiSos GmbH & Co.KG [mm] 5,30 2,00 1,50 2,00 1,80 Marking A B C D D E SEITE 1 VON 3 |
同様の部品番号 - 744043680 |
|
同様の説明 - 744043680 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |