データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744045330 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744045330
部品情報  SMD HF-CHOKE WE-LQ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744045330 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744045330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
8,0 ± 1,0
mm
B
4,0 ± 0,1
mm
a
178 ± 0,5
mm
b
20,20 ± 0,1
mm
+ 0,5
- 1,0
d
50,0 ± 1,0
mm
UB
06-07-14
SSt
05-07-27
MST
04-10-11
Name
Datum / date
Änderung / modification
Version 1
Version 2
Version 3
mm
13,00
c
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
744045330
SMD HF-Drossel WE-LQ
SMD HF-CHOKE WE-LQ
DATUM / DATE : 2006-07-14
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..............................................................................
................................................................................
Datum / date
Unterschrift / signature
http://www.we-online.com
Würth Elektronik
..............................................................................
................................................................................
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Kontrolliert / approved
Ø c
a
d
b
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance
SEITE 3 VON 3


同様の部品番号 - 744045330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744045391 WURTH-744045391 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results

同様の説明 - 744045330

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744045006 WURTH-744045006 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045471 WURTH-744045471 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032002 WURTH-744032002 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032100 WURTH-744032100 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320056 WURTH-7440320056 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032220 WURTH-744032220 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045152 WURTH-744045152 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320015 WURTH-7440320015 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320027 WURTH-7440320027 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440450018 WURTH-7440450018 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045821 WURTH-744045821 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com