データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTB12-600 データシート(PDF) 1 Page - Apollo Electron Co., Ltd.

部品番号 BTB12-600
部品情報  Standard Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APOLLOELECTRON [Apollo Electron Co., Ltd.]
ホームページ  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

BTB12-600 データシート(HTML) 1 Page - Apollo Electron Co., Ltd.

  BTB12-600 Datasheet HTML 1Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 2Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 3Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 4Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 5Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
3
Absolute Maximum Ratings ( Tj = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
Sine wave, 50 to 60 Hz
800
V
IT(RMS)
R.M.S On-State Current
Tj = 125 °C, Full Sine wave
12
A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
120/126
A
I2t
I2t
tp = 10ms
72
A2s
PG(AV)
Average Gate Power Dissipation
Tj=125°C
1
W
IGM
Peak Gate Current
Tj=125°C
2
A
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
July, 2010. Rev.2
1/6
TF12A80
Standard Triac
IT(RMS) = 12 A
ITSM = 126A
VDRM = 800V
TO-220F
copyright @ Apollo Electron Co., Ltd. All rights reserved.
2.T2
3.Gate
1.T1
Symbol
▼▲
Features
Repetitive Peak Off-State Voltage : 800V
R.M.S On-State Current ( IT(RMS)= 1 A )
High Commutation dv/dt
General Description
This device is suitable for low power AC switching application, phase control application such as fan
speed and temperature modulation control, lighting control and static switching relay where high sensi-
tivity is required in all four quadrants.
rrent ( IT(RMS)= 1 A )
This device may substitute for BTA12-600, BTB12-600, BT138-600, BCR12CM12L, TM1261M/S series.


同様の部品番号 - BTB12-600

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
BTB12-600 JIANGSU-BTB12-600 Datasheet
605Kb / 3P
   TO-220-3L Plastic-Encapsulate ThyristorS
logo
STMicroelectronics
BTB12-600B STMICROELECTRONICS-BTB12-600B Datasheet
116Kb / 7P
   12A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTB12-600B JIEJIE-BTB12-600B Datasheet
514Kb / 5P
   12A TRIACs
logo
Kersemi Electronic Co.,...
BTB12-600B KERSEMI-BTB12-600B Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTB12-600B ISC-BTB12-600B Datasheet
107Kb / 1P
   With TO-220AB non insulated package
More results

同様の説明 - BTB12-600

メーカー部品番号データシート部品情報
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
   Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
   Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
   Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
   Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
   Standard Triac
TF8A80 APOLLOELECTRON-TF8A80 Datasheet
3Mb / 6P
   Standard Triac
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
   Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
   40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
   40A STANDARD TRIAC
logo
STMicroelectronics
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
   STANDARD 4A TRIAC
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com