データシートサーチシステム |
|
744053220 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744053220 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 3 page Bezeichnung : description : I Rollenspezifikation / tape and reel specification: A 12,0 ± 1,0 mm B 4,00 ± 0,1 mm a 178 ± 0,5 mm b 20,20 ± 0,1 mm + 0,5 - 1,0 d 50,0 ± 1,0 mm CZ 10-08-02 ME 09-01-15 MST 08-04-11 MST 04-10-11 MPH 03-03-27 Name Datum / date http://www.we-online.com Würth Elektronik .................................................................................. .................................................................................. Würth Elektronik eiSos GmbH & Co.KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked Kontrolliert / approved Änderung / modification .................................................................................. .................................................................................. Datum / date Unterschrift / signature Gurtspezifikation / Tape specification: Rollenspezifikation / Reel specification: Freigabe erteilt / general release: Kunde / customer mm 13,00 SPEICHERDROSSEL WE-TPC POWER-CHOKE WE-TPC DATUM / DATE : 2010-08-02 Artikelnummer / part number : 744053220 Spezifikation für Freigabe / specification for release Kunde / customer : Version 5 c Version 1 Version 2 Version 4 Version 6 Ø c a d b The force for tearing off cover tape is 20 to 70 grams in arrow direction 150 feeding direction This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. SEITE 3 VON 3 |
同様の部品番号 - 744053220 |
|
同様の説明 - 744053220 |